Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6850BCPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF6850BCPZ-R7
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850BCPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF6850BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADRF6850
Rev. 0 | Page 16 of 36
–50
0
50
100 150 200 250 300 350 400 450 500 550
START OF ACQUISITION
ON CR0 WRITE
CR23[3] = 1
CR23[3] = 0
ACQUISITION
TO 1kHz
BEST CASE
TYPICAL
WORST CASE
LDET
LDET
1
0.1
0.01
10
100
1k
10k
100k
1M
10M
100M
1G
TIME (µs)
Figure 41. PLL Frequency Settling Time with Typical, Best-Case, and Worst-
Case Frequency Hop with Lock Detect Shown, Nominal Conditions
0
2
4
6
8
10
12
14
16
18
20
–18 –14 –10
–6
–2
2
6
10
14
18
22
26
30
OUTPUT DC OFFSET (mV)
I OUTPUT
Q OUTPUT
Figure 42. Output DC Offset Distribution for I and Q Outputs,
Nominal Conditions
–30
–25
–20
–15
–10
–5
0
5
0.1
1
10
100
1000
IQ OUTPUT FREQUENCY (MHz)
WB MODE
NB MODE= 50MHz
NB MODE = 43MHz
NB MODE = 37MHz
NB MODE= 30MHz
Figure 43. Normalized IQ Output Bandwidth, Narrow-Band, and
Wideband Modes, Nominal Conditions
0
5
10
15
20
25
30
ABSOLUTE IQ AMPLITUDE BALANCE (dB)
Figure 44. Absolute IQ Amplitude Balance, Narrow-Band Mode,
Nominal Conditions
0
2
4
6
8
10
12
14
16
18
20
–0.45 –0.35 –0.25 –0.15 –0.05 0.05
0.15
0.25
0.35
0.45
IQ PHASE BALANCE (Degrees)
Figure 45. IQ Phase Balance, Narrow-Band Mode, Nominal Conditions
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
VGAIN = 1.5V
200
100
300
400
500
600
700
800
900
1000
LO FREQUENCY (MHz)
VGAIN = 0V, 0.5V, 1V
Figure 46. 1× LO Feedthrough vs. LO Frequency, VGAIN, Supply, and
Temperature (Narrow-Band Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com