Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6850BCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6850BCPZ-R7
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850BCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6850BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
ADRF6850
Rev. 0 | Page 20 of 36
The VCO displays a variation of KVCO as VTUNE varies within
the band and from band to band. Figure 60 shows how the
KVCO varies across the fundamental LO frequency range from
500 MHz to 1000 MHz. Note that KVCO is shown at the LO
frequency rather than at the VCO frequency. Figure 60 is useful
when calculating the loop filter bandwidth and individual loop
filter components using ADISimPLL™. ADISimPLL is an
Analog Devices, Inc., simulator that aids in PLL design,
particularly with respect to the loop filter. It reports parameters
such as phase noise, integrated phase noise, acquisition time,
and so forth for a particular set of input conditions.
ADISimPLL can be downloaded from www.analog.com.
0
5
10
15
20
25
500
550
600
650
700
750
800
850
900
950
1000
LO FREQUENCY (MHz)
Figure 60. KVCO vs. LO Frequency
Programming the Correct LO Frequency
There are two steps to programming the correct LO frequency.
The user can calculate the N-divider ratio that is required in the
PLL and the RFDIV value based on the required LO frequency
and PFD frequency.
1. Calculate the value of RFDIV, which is used to program
Register CR28, Bits[2:0], from the following lookup table
(Table 6). See also Table 24.
Table 6. RFDIV Lookup Table
LO Frequency (MHz)
RFDIV = Register CR28[2:0]
500 to 1000
000 = divide-by-1
250 to 500
001 = divide-by-2
125 to 250
010 = divide-by-4
100 to 125
011 = divide-by-8
2. Using the following equation, calculate the value of the
N-divider:
N = (2RFDIV × 2 × LO)/(fPFD)
(4)
where:
N is the N-divider value.
RFDIV is the setting in Register CR28, Bits[2:0].
LO is the local oscillator frequency.
fPFD is the PFD frequency.
This equation is a different representation of Equation 2.
Example to Program the Correct LO Frequency
Assume that the PFD frequency is 27 MHz and the required LO
frequency is 330 MHz.
Step 1. From Table 6, 2RFDIV = 2.
Step 2. N = (2 × 2 × 330E+6)/(27E+6) = 48.88888889.
The N-divider value is composed of integer (INT) and
fractional (FRAC) components according to the following
equation:
N = INT + FRAC/225
(5)
INT = 48 and FRAC = 29,826,162.
The appropriate registers must then be programmed according to
the register map, ensuring that Register CR0 is the last register
to be programmed because this write starts a new PLL acquisi-
tion cycle.
QUADRATURE DEMODULATOR
The quadrature demodulator can be powered up by Register CR29,
Bit 0. It has an output filter with narrow-band and wideband
modes, which are selected by Register CR29, Bit 3. Wideband
mode has a 1 dB filter cutoff of 250 MHz. Narrow-band mode
has selectable cutoff filters of 30 MHz through 50 MHz by pro-
gramming Register CR29, Bits[5:4]. A dc bias voltage of 1.4 V
(VOCM) can be set internally by setting Register CR29, Bit 6 = 1.
To select an external dc bias voltage, set Register CR29, Bit 6 = 0,
and drive Pin 7, VOCM, with the requisite external bias voltage.
VARIABLE GAIN AMPLIFIER (VGA)
The variable gain amplifier (VGA) at the input to the demodulator
can be driven either single-ended or differentially.
To drive single-ended, connect Pin 53, RFCM, to Pin 51, RFI,
and decouple both pins to ground with a 10 nF capacitor. Drive
the input signal through Pin 55, RFI.
To drive differentially, use a balun with the RFI and RFI pins
driven by the balanced outputs of the balun, and connect the
RFCM pin to the common balun output terminal. Decouple
RFCM to ground.
The VGA gain range is approximately 60 dB and is achieved by
varying the VGAIN voltage from 0 V to 1.5 V. The Typical
Performance Characteristics section has more information on
the VGA gain performance. A 0 V input on VGAIN sets the
VGA gain to 0 dB, whereas a 1.5 V input sets the VGA gain to
+60 dB if the VGA Gain Mode Polarity Bit CR30, Bit 2, is set
to 0. If the VGA gain mode polarity bit is set to 1, a 0 V input
voltage on VGAIN sets the VGA gain to +60 dB, whereas a 1.5 V
input sets the VGA gain to 0 dB.
The VGA can be powered down by setting Register CR30, Bit 0,
to 0 and can be powered up by setting this same bit to 1.
I2C INTERFACE
The ADRF6850 supports a 2-wire, I2C-compatible serial bus
that drives multiple peripherals. The part powers up in I2C mode
but is not locked in this mode. To remain in I2C mode, it is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com