Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6850BCPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6850BCPZ-R7
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850BCPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6850BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADRF6850
Rev. 0 | Page 4 of 36
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Frequency Settling
Any step size, maximum frequency error = 1 kHz
260
μs
Maximum Frequency Step for No
Autocalibration
Frequency step with no autocalibration routine;
Register CR24, Bit 0 = 1
100
kHz
BASEBAND OUTPUTS
IBB, IBB, QBB, QBB, VOCM pins
Maximum Swing
Driving Z
L = 100 Ω differential
2.5
V p-p
Common-Mode Range
1.2
1.6
V
Output Impedance
Differential
28
Output DC Offset
RFI terminated in Z
S = 50 Ω
±20
mV
1 dB Bandwidth
Wideband Mode
250
MHz
Narrow-Band Mode
50
MHz
IQ Balance
Amplitude
Wideband Mode
Baseband frequency ≤ 250 MHz
±0.1
dB
Narrow-Band Mode
Baseband frequency ≤ 33.2 MHz
±0.1
dB
Phase
Wideband Mode
Baseband frequency ≤ 250 MHz
±0.5
Degrees
Narrow-Band Mode
Baseband frequency ≤ 33.2 MHz
±0.25
Degrees
IQ Output Impedance Mismatch
Baseband frequency = 10 MHz
±0.3
%
Group Delay Variation
Wideband Mode
Baseband frequency ≤ 210 MHz
0.25
ns
Baseband frequency ≤ 250 MHz
0.35
ns
Narrow-Band Mode
Baseband frequency ≤ 33.2 MHz
0.2
ns
LO to IQ Leakage
1× LO
−40
dBm
2× LO
−60
dBm
4× LO
−60
dBm
RF to IQ Leakage
Relative to IQ output level
−40
dBc
MONITOR OUTPUT
LOMON and LOMON pins
Nominal Output Power
−24
dBm
LOGIC INPUTS
SDI/SDA, CLK/SCL, CS pins
Input High Voltage, V
INH
CS
1.4
V
Input Low Voltage, V
INL
CS
0.6
V
Input High Voltage, V
INH
SDI/SDA, CLK/SCL
2.1
V
Input Low Voltage, V
INL
SDI/SDA, CLK/SCL
1.1
V
Input Current, I
INH/IINL
CS, SDI/SDA, CLK/SCL
±1
µA
Input Capacitance, C
IN
CS, SDI/SDA, CLK/SCL
10
pF
LOGIC OUTPUTS
Output High Voltage, V
OH
SDO, LDET pins; I
OH = 500 μA
2.8
V
Output Low Voltage, V
OL
SDO, LDET pins; I
OL = 500 μA
0.4
V
SDA (SDI/SDA) pins; I
OL = 3 mA
0.4
V
POWER SUPPLIES
VCC1, VCC2, VCC3, VCC4, VCC5, VCC6, VCC7, VCC8, and
VCC9 pins
Voltage Range
3.15
3.3
3.45
V
Supply Current
350
440
mA
Operating Temperature
−40
+85
°C
1 Difference between channel gain and linear fit to channel gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com