Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6850BCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6850BCPZ-R7
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850BCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6850BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADRF6850
Rev. 0 | Page 10 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
A nominal condition is defined as 25°C, 3.30 V, and worst-case frequency. A worst-case condition is defined as having the worst-case
temperature, supply voltage, and frequency.
–60
–50
–40
–30
–20
–10
0
10
20
CHANNE L GAIN (dB)
RF = 100MHz
RF = 300MHz
RF = 550MHz
RF = 800MHz
RF = 1000MHz
0
60
50
40
30
20
10
Figure 5. Input 1dB Compression Point (IP1dB) vs. Channel Gain, and RF
Input Frequency, Nominal Conditions, Narrow-Band Mode
–60
–50
–40
–30
–20
–10
0
10
20
CHANNE L GAIN (dB)
3.30V, 25°C
3.15V, –40°C
3.45V, –40°C
3.15V, 85°C
3.45V, 85°C
0
60
50
40
30
20
10
Figure 6. Input 1dB Compression Point (IP1dB) vs. Channel Gain, Supply, and
Temperature, RF Input Frequency = 100 MHz, Narrow-Band Mode
–60
–50
–40
–30
–20
–10
0
10
20
0
10
20
30
40
50
60
CHANNEL GAIN (dB)
3.30V, +25°C
3.15V, –40°C
3.45V, –40°C
3.15V, +85°C
3.45V, +85°C
Figure 7. Input 1dB Compression Point (IP1dB) vs. Channel Gain, Supply, and
Temperature, RF Input Frequency = 1000 MHz, Narrow-Band Mode
0
5
10
15
20
25
30
35
40
45
50
INPUT P1dB AT CHANNEL GAIN OF 0dB (dBm)
NOMINAL
WORST-CASE
13.4
13.0
12.6
12.2
11.8
11.4
11.0
10.6
10.2
9.8
9.4
9.0
8.6
Figure 8. Input 1dB Compression Point (IP1dB) Distribution with Channel
Gain = 0 dB at Nominal and Worst-Case Conditions
0
5
10
15
20
25
30
35
40
45
50
55
60
INPUT P1dB AT CHANNEL GAIN OF 60dB (dBm)
NOMINAL
WORST-CASE
Figure 9. Input 1dB Compression Point (IP1dB) Distribution with Channel
Gain = 60 dB at Nominal and Worst-Case Conditions
–60
–50
–40
–30
–20
–10
0
10
20
–10
0
10
20
30
40
50
60
70
CHANNEL GAIN (dB)
RF = 100MHz
RF = 300MHz
RF = 550MHz
RF = 800MHz
RF = 1000MHz
Figure 10. Input 1dB Compression Point (IP1dB) vs. Channel Gain, and RF
Input Frequency, VOCM = 1.2 V, Nominal Conditions, Narrow-Band Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com