Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6850BCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF6850BCPZ-R7
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850BCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF6850BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ADRF6850
Rev. 0 | Page 18 of 36
THEORY OF OPERATION
OVERVIEW
The ADRF6850 device can be separated into the following basic
building blocks:
PLL synthesizer and VCO
Quadrature demodulator
Variable gain amplifier (VGA)
I2C/SPI interface
Each of these building blocks is described in detail in the
sections that follow.
PLL SYNTHESIZER AND VCO
Overview
The phase-locked loop (PLL) consists of a fractional-N frequency
synthesizer with a 25-bit fixed modulus, allowing a frequency
resolution of less than 1 Hz over the entire frequency range. It
also has an integrated voltage controlled oscillator (VCO) with
a fundamental output frequency ranging from 2000 MHz to
4000 MHz. An RF divider, controlled by Register CR28, Bits[2:0],
extends the lower limit of the frequency range to less than
400 MHz. This 400 MHz to 4000 MHz frequency output is
then applied to a divide-by-4 quadrature circuit to provide a
local oscillator (LO) ranging from 100 MHz to 1000 MHz to the
quadrature demodulator.
Reference Input Section
The reference input stage is shown in Figure 53. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed, and SW1 and SW2 are
open. This ensures that there is no loading of the REFIN pin at
power-down.
BUFFER
TO
R-DIVIDER
REFIN
100k
NC
SW2
SW3
NC
NC
SW1
POWER-DOWN
CONTROL
Figure 53. Reference Input Stage
Reference Input Path
The on-chip reference frequency doubler allows the input
frequency of the reference signal to be doubled. This is useful
for increasing the PFD comparison frequency. Making the PFD
frequency higher improves the noise performance of the system.
Doubling the PFD frequency usually improves the in-band phase
noise performance by 3 dBc/Hz.
The 5-bit R-divider allows the input reference frequency
(REFIN) to be divided down to produce the reference clock
to the PFD. Division ratios from 1 to 32 are allowed.
An additional divide-by-2 (÷2) function in the reference input
path allows for a greater division range.
×2
DOUBLER
5-BIT
R-DIVIDER
FROM
REFIN
PIN
TO
PFD
÷2
Figure 54. Reference Input Path
The PFD frequency equation is
fPFD = fREFIN × [(1 + D)/(R × (1 + T))]
(1)
where:
fREFIN is the reference input frequency.
D is the doubler bit.
R is the programmed divide ratio of the binary 5-bit
programmable reference divider (1 to 32).
T is the ÷2 bit (0 or 1).
RF Fractional-N Divider
The RF fractional-N divider allows a division ratio in the PLL
feedback path that can range from 23 to 4095. The relationship
between the fractional-N divider and the LO frequency is
described in the following section.
INT and FRAC Relationship
The integer (INT) and fractional (FRAC) values make it
possible to generate output frequencies that are spaced by
fractions of the phase frequency detector (PFD) frequency.
See the Programming the Correct LO Frequency section for
more information.
The LO frequency equation is
LO = fPFD × (INT + (FRAC/225))/2 × 2RFDIV
(2)
where:
LO is the local oscillator frequency.
fPFD is the PFD frequency.
INT is the integer component of the required division factor
and is controlled by the CR6 and CR7 registers.
FRAC is the fractional component of the required division
factor and is controlled by the CR0 to CR3 registers.
RFDIV is the setting in Register CR28, Bits[2:0], and controls
the setting of a divider at the output of the PLL.
N-COUNTER
INT
REG
TO
PFD
RF N-DIVIDER
N = INT + FRAC/225
FROM VCO
OUTPUT
DIVIDERS
FRAC
VALUE
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
Figure 55. RF Fractional-N Divider
Phase Frequency Detector (PFD) and Charge Pump
The PFD takes inputs from the R-divider and the N-counter and
produces an output proportional to the phase and frequency differ-
ence between them (see Figure 56 for a simplified schematic).
The PFD includes a fixed delay element that sets the width of
the antibacklash pulse, ensuring that there is no dead zone in
the PFD transfer function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com