Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC970FDH Datasheet(PDF) 16 Page - NXP Semiconductors

Part # P89LPC970FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970FDH Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button P89LPC970FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
SPSTAT
SPI status
register
E1H
SPIF
WCOL
-
-
-
-
-
-
00
00xx xxxx
SPDAT
SPI data
register
E3H
00
0000 000
0
TAMOD
Timer 0 and 1
auxiliary mode
8FH
-
-
-
T1M2
-
-
-
T0M2
00
xxx0 xxx0
Bit address
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer 0 and 1
control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00
0000 000
0
TH0
Timer 0 high
8CH
00
0000 000
0
TH1
Timer 1 high
8DH
00
0000 000
0
TL0
Timer 0 low
8AH
00
0000 000
0
TL1
Timer 1 low
8BH
00
0000 000
0
TMOD
Timer 0 and 1
mode
89H
T1GATE
T1C/T
T1M1
T1M0
T0GATE
T0C/T
T0M1
T0M0
00
0000 0000
T2CON
Timer/Counter 2
control
FFH
PSEL2
ENT2
TIEN2
PWM2
EXEN2
TR2
C/NT2
CP/NRL2 00
0000 000
0
TH2
Timer/Counter 2
high byte
FEH
00
0000 000
0
TL2
Timer/Counter 2
low byte
FDH
00
0000 0000
T3CON
Timer/Counter 3
control
EFH
PSEL3
ENT3
TIEN3
PWM3
EXEN3
TR3
C/NT3
CP/NRL3 00
0000 000
0
TH3
Timer/Counter 3
high byte
EEH
00
0000 000
0
TL3
Timer/Counter 3
low byte
EDH
00
0000 0000
T4CON
Timer/Counter 2
control
CDH
PSEL4
ENT4
TIEN4
PWM4
EXEN4
TR4
C/NT4
CP/NRL4 00
0000 000
0
Table 4.
Special function registers …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com