Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC970FDH Datasheet(PDF) 45 Page - NXP Semiconductors

Part # P89LPC970FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970FDH Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button P89LPC970FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 43Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 44Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 45Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 46Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 47Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 48Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
45 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
8.
Limiting values
[1]
The following applies to Table 10:
a) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated
maximum.
b) Parameters are valid over ambient temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
[2]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
Table 10.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
Tamb(bias)
bias ambient temperature
−55
+125
°C
Tstg
storage temperature
−65
+150
°C
IOH(I/O)
HIGH-level output current per
input/output pin
-20
mA
IOL(I/O)
LOW-level output current per
input/output pin
-20
mA
II/Otot(max)
maximum total input/output current
-
100
mA
Vxtal
crystal voltage
on XTAL1, XTAL2 pins when
XTAL1/XTAL2 is used as
crystal input/output; with
respect to VSS
−0.5
+4.0
V
on XTAL1, XTAL2 pins when
XTAL1/XTAL2 is used as
GPIO; with respect to VSS
−0.5
+5.5
V
Vn
voltage on any other pin
with respect to VSS
-5.5
V
Ptot(pack)
total power dissipation (per package)
based on package heat
transfer, not device power
consumption
-1.5
W
VESD
electrostatic discharge voltage
human body model; all pins
[2]
−3000
+3000
V
charged device model; all
pins
−700
+700
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com