Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC970FDH Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P89LPC970FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970FDH Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P89LPC970FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx
xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x
Table 4.
Special function registers
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary
Bit address
E7
E6
E5
E4
E3
E2
E1
E0
ACC*
Accumulator
E0H
00
0000 000
0
AUXR1
Auxiliary
function register
A2H
CLKLP
EBRR
ENT1
ENT0
SRST
0
-
DPS
00
0000 00x0
Bit address
F7
F6
F5
F4
F3
F2
F1
F0
B*
B register
F0H
00
0000 000
0
BRGR0[1] Baud rate
generator 0 rate
low
BEH
00
0000 000
0
BRGR1[1] Baud rate
generator 0 rate
high
BFH
00
0000 000
0
BRGCO
N
Baud rate
generator 0
control
BDH
-
-
-
-
-
-
SBRGS
BRGEN
00[1]
xxxx xx00
CMP1
Comparator 1
control register
ACH
-
-
CE1
CP1
CN1
OE1
CO1
CMF1
00[2]
xx00 0000
CMP2
Comparator 2
control register
ADH
-
-
CE2
CP2
CN2
OE2
CO2
CMF2
00[2]
xx00 0000
DIVM
CPU clock
divide-by-M
control
95H
00
0000 000
0
DPTR
Data pointer
(2 bytes)
DPH
Data pointer
high
83H
00
0000 000
0
DPL
Data pointer low
82H
00
0000 000
0
FMADRH Program flash
address high
E7H
00
0000 000
0
FMADRL Program flash
address low
E6H
00
0000 000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com