Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC970FDH Datasheet(PDF) 55 Page - NXP Semiconductors

Part # P89LPC970FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970FDH Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button P89LPC970FDH Datasheet HTML 51Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 52Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 53Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 54Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 55Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 56Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 57Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 58Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
55 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
10.1 Waveforms
Fig 17. External clock timing (with an amplitude of at least Vi(RMS) = 200 mV)
tCHCL
tCLCX
tCHCX
Tcy(clk)
tCLCH
002aaa907
Fig 18. Shift register mode timing
0
1
23
45
6
7
valid
valid
valid
valid
valid
valid
valid
valid
TXLXL
002aaa906
set TI
set RI
tXHQX
tQVXH
tXHDV
tXHDX
clock
output data
write to SBUF
input data
clear RI
Fig 19. SPI master timing (CPHA = 0)
TSPICYC
tSPICLKH
tSPICLKH
tSPICLKL
tSPICLKL
master LSB/MSB out
master MSB/LSB out
tSPIDH
tSPIDSU
tSPIF
tSPIOH
tSPIDV
tSPIR
tSPIDV
tSPIF
tSPIR
tSPIF
tSPIR
SS
SPICLK
(CPOL = 0)
(output)
002aaa908
SPICLK
(CPOL = 1)
(output)
MISO
(input)
MOSI
(output)
LSB/MSB in
MSB/LSB in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com