Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC970FDH Datasheet(PDF) 25 Page - NXP Semiconductors

Part # P89LPC970FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970FDH Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button P89LPC970FDH Datasheet HTML 21Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
25 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
7.16 I/O ports
The P89LPC970/971/972 has four I/O ports: Port 0, Port 1 and Port 3. Ports 0, 1 are 8-bit
ports, and Port 3 is a 2-bit port. The exact number of I/O pins available depends upon the
clock and reset options chosen, as shown in Table 7.
7.16.1 Port configurations
All but three I/O port pins on the P89LPC970/971/972 may be configured by software to
one of four types on a bit-by-bit basis. These are: quasi-bidirectional (standard 80C51 port
outputs), push-pull, open drain, and input-only. Two configuration registers for each port
select the output type for each port pin.
1. P1.5/RST can only be an input and cannot be configured.
2. P1.2/SCL/T0 and P1.3/INT0/SDA/T4 may only be configured to be either input-only or
open-drain.
7.16.1.1
Quasi-bidirectional output configuration
Quasi-bidirectional output type can be used as both an input and output without the need
to reconfigure the port. This is possible because when the port outputs a logic HIGH, it is
weakly driven, allowing an external device to pull the pin LOW. When the pin is driven
LOW, it is driven strongly and able to sink a fairly large current. These features are
somewhat similar to an open-drain output except that there are three pull-up transistors in
the quasi-bidirectional output that serve different purposes.
A quasi-bidirectional port pin has a Schmitt trigger input that also has a glitch suppression
circuit.
7.16.1.2
Open-drain output configuration
The open-drain output configuration turns off all pull-ups and only drives the pull-down
transistor of the port driver when the port latch contains a logic 0. To be used as a logic
output, a port configured in this manner must have an external pull-up, typically a resistor
tied to VDD.
An open-drain port pin has a Schmitt trigger input that also has a glitch suppression
circuit.
Table 7.
Number of I/O pins available
Clock source
Reset option
Number of I/O
pins (20-pin
package)
On-chip oscillator or watchdog
oscillator
no external reset (except during
power-up)
18
external RST pin supported
17
External clock input
no external reset (except during
power-up)
17
external RST pin supported
16
Low/medium/high speed
oscillator (external crystal or
resonator)
no external reset (except during
power-up)
16
external RST pin supported
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com