Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC970FDH Datasheet(PDF) 19 Page - NXP Semiconductors

Part # P89LPC970FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970FDH Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button P89LPC970FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 20Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 21Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
19 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
7.2 Enhanced CPU
The P89LPC970/971/972 uses an enhanced 80C51 CPU which runs at six times the
speed of standard 80C51 devices. A machine cycle consists of two CPU clock cycles, and
most instructions execute in one or two machine cycles.
7.3 Clocks
7.3.1 Clock definitions
The P89LPC970/971/972 device has several internal clocks as defined below:
OSCCLK — Input to the DIVM clock divider. OSCCLK is selected from one of four clock
sources (see Figure 5) and can also be optionally divided to a slower frequency (see
Section 7.11 “CCLK modification: DIVM register”).
Remark: fosc is defined as the OSCCLK frequency.
CCLK — CPU clock; output of the clock divider. There are two CCLK cycles per machine
cycle, and most instructions are executed in one to two machine cycles (two or four CCLK
cycles).
RCCLK — The internal 7.373 MHz RC oscillator output. The clock doubler option, when
enabled, provides an output frequency of 14.746 MHz.
PCLK — Clock for the various peripheral devices and is CCLK⁄2.
7.3.2 CPU clock (OSCCLK)
The P89LPC970/971/972 provides several user-selectable oscillator options in generating
the CPU clock. This allows optimization for a range of needs from high precision to lowest
possible cost. These options are configured when the flash is programmed and include an
on-chip watchdog oscillator, an on-chip RC oscillator, an oscillator using an external
crystal, or an external clock source.
7.4 Crystal oscillator option
The crystal oscillator option can be optimized for low, medium, or high frequency crystals
covering a range from 20 kHz to 18 MHz. It can be the clock source of OSCCLK and RTC.
The low speed oscillator option can be the clock source of the WDT.
7.4.1 Low speed oscillator option
This option supports an external crystal in the range of 20 kHz to 100 kHz. Ceramic
resonators are also supported in this configuration.
7.4.2 Medium speed oscillator option
This option supports an external crystal in the range of 100 kHz to 4 MHz. Ceramic
resonators are also supported in this configuration.
7.4.3 High speed oscillator option
This option supports an external crystal in the range of 4 MHz to 18 MHz. Ceramic
resonators are also supported in this configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com