Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC970FDH Datasheet(PDF) 65 Page - NXP Semiconductors

Part # P89LPC970FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970FDH Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button P89LPC970FDH Datasheet HTML 59Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 60Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 61Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 62Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 63Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 64Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 65Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 66Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 67Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
65 of 66
continued >>
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
17. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
2.1
Principal features . . . . . . . . . . . . . . . . . . . . . . . 1
2.2
Additional features . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 3
3.1
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . 3
4
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 4
5
Functional diagram . . . . . . . . . . . . . . . . . . . . . . 5
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 6
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 7
7
Functional description . . . . . . . . . . . . . . . . . . 10
7.1
Special function registers . . . . . . . . . . . . . . . . 10
7.2
Enhanced CPU . . . . . . . . . . . . . . . . . . . . . . . . 19
7.3
Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
7.3.1
Clock definitions . . . . . . . . . . . . . . . . . . . . . . . 19
7.3.2
CPU clock (OSCCLK). . . . . . . . . . . . . . . . . . . 19
7.4
Crystal oscillator option. . . . . . . . . . . . . . . . . . 19
7.4.1
Low speed oscillator option . . . . . . . . . . . . . . 19
7.4.2
Medium speed oscillator option . . . . . . . . . . . 19
7.4.3
High speed oscillator option . . . . . . . . . . . . . . 19
7.5
Clock output . . . . . . . . . . . . . . . . . . . . . . . . . . 20
7.6
On-chip RC oscillator option . . . . . . . . . . . . . . 20
7.7
Watchdog oscillator option . . . . . . . . . . . . . . . 20
7.8
External clock input option . . . . . . . . . . . . . . . 20
7.9
Clock source switching on the fly . . . . . . . . . . 20
7.10
CCLK wake-up delay . . . . . . . . . . . . . . . . . . . 21
7.11
CCLK modification: DIVM register . . . . . . . . . 21
7.12
Low power select . . . . . . . . . . . . . . . . . . . . . . 21
7.13
Memory organization . . . . . . . . . . . . . . . . . . . 22
7.14
Data RAM arrangement . . . . . . . . . . . . . . . . . 22
7.15
Interrupts. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
7.15.1
External interrupt inputs . . . . . . . . . . . . . . . . . 23
7.16
I/O ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
7.16.1
Port configurations . . . . . . . . . . . . . . . . . . . . . 25
7.16.1.1
Quasi-bidirectional output configuration . . . . . 25
7.16.1.2
Open-drain output configuration . . . . . . . . . . . 25
7.16.1.3
Input-only configuration . . . . . . . . . . . . . . . . . 26
7.16.1.4
Push-pull output configuration . . . . . . . . . . . . 26
7.16.2
Port 0 analog functions . . . . . . . . . . . . . . . . . . 26
7.16.3
Additional port features. . . . . . . . . . . . . . . . . . 26
7.16.4
Pin remap . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
7.17
Power management . . . . . . . . . . . . . . . . . . . . 27
7.17.1
Brownout detection . . . . . . . . . . . . . . . . . . . . . 27
7.17.2
Power-on detection. . . . . . . . . . . . . . . . . . . . . 28
7.17.3
Power reduction modes . . . . . . . . . . . . . . . . . 28
7.17.3.1
Idle mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
7.17.3.2
Power-down mode . . . . . . . . . . . . . . . . . . . . . 28
7.17.3.3
Total Power-down mode . . . . . . . . . . . . . . . . 28
7.17.4
Regulators . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
7.18
Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
7.18.1
Reset vector. . . . . . . . . . . . . . . . . . . . . . . . . . 29
7.19
Timers/counters 0 and 1 . . . . . . . . . . . . . . . . 29
7.19.1
Mode 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
7.19.2
Mode 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
7.19.3
Mode 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
7.19.3.1
Mode 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
7.19.3.2
Mode 6 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
7.19.4
Timer overflow toggle output . . . . . . . . . . . . . 30
7.20
Timers/counters 2, 3 and 4 . . . . . . . . . . . . . . 30
7.20.1
Mode 0: 16-bit timer/counter with
auto-reload. . . . . . . . . . . . . . . . . . . . . . . . . . . 31
7.20.2
Mode 1: 16-bit timer/counter with input
capture . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
7.20.3
Mode 2: 16-bit PWM mode . . . . . . . . . . . . . . 31
7.20.4
Timer overflow toggle output . . . . . . . . . . . . . 31
7.21
RTC/system timer . . . . . . . . . . . . . . . . . . . . . 31
7.22
UART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
7.22.1
Mode 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
7.22.2
Mode 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
7.22.3
Mode 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
7.22.4
Mode 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
7.22.5
Baud rate generator and selection. . . . . . . . . 32
7.22.6
Framing error . . . . . . . . . . . . . . . . . . . . . . . . . 32
7.22.7
Break detect. . . . . . . . . . . . . . . . . . . . . . . . . . 33
7.22.8
Double buffering. . . . . . . . . . . . . . . . . . . . . . . 33
7.22.9
Transmit interrupts with double buffering
enabled (modes 1, 2 and 3) . . . . . . . . . . . . . . 33
7.22.10
The 9th bit (bit 8) in double buffering
(modes 1, 2 and 3). . . . . . . . . . . . . . . . . . . . . 33
7.23
I2C-bus serial interface. . . . . . . . . . . . . . . . . . 33
7.24
SPI (Pin remap) . . . . . . . . . . . . . . . . . . . . . . . 36
7.24.1
Typical SPI configurations . . . . . . . . . . . . . . . 37
7.25
Analog comparators . . . . . . . . . . . . . . . . . . . . 38
7.25.1
Selectable internal reference voltage. . . . . . . 39
7.25.2
Comparator interrupt . . . . . . . . . . . . . . . . . . . 39
7.25.3
Comparators and power reduction modes . . . 39
7.26
KBI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
7.27
Watchdog timer . . . . . . . . . . . . . . . . . . . . . . . 40
7.28
Additional features . . . . . . . . . . . . . . . . . . . . . 41
7.28.1
Software reset . . . . . . . . . . . . . . . . . . . . . . . . 41
7.28.2
Dual data pointers . . . . . . . . . . . . . . . . . . . . . 41
7.29
Flash program memory . . . . . . . . . . . . . . . . . 41
7.29.1
General description . . . . . . . . . . . . . . . . . . . . 41
7.29.2
Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com