Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC970FDH Datasheet(PDF) 38 Page - NXP Semiconductors

Part # P89LPC970FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970FDH Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button P89LPC970FDH Datasheet HTML 34Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
38 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
7.25 Analog comparators
Two analog comparators are provided on the P89LPC970/971/972. Input and output
options allow use of the comparators in a number of different configurations. Comparator
operation is such that the output is a logical one (which may be read in a register and/or
routed to a pin) when the positive input (one of two selectable pins) is greater than the
negative input (selectable from a pin or an internal reference voltage). Otherwise the
output is a zero. Each comparator may be configured to cause an interrupt when the
output value changes.
The overall connections to both comparators are shown in Figure 14. The comparators
function to VDD =2.4 V.
When each comparator is first enabled, the comparator output and interrupt flag are not
guaranteed to be stable for 10
μs. The corresponding comparator interrupt should not be
enabled during that time, and the comparator interrupt flag must be cleared before the
interrupt is enabled in order to prevent an immediate interrupt service.
When a comparator is disabled the comparator’s output, COn, goes HIGH. If the
comparator output was LOW and then is disabled, the resulting transition of the
comparator output from a LOW to HIGH state will set the comparator flag, CMFn. This will
cause an interrupt if the comparator interrupt is enabled. The user should therefore
disable the comparator interrupt prior to disabling the comparator. Additionally, the user
should clear the comparator flag, CMFn, after disabling the comparator.
Fig 13. SPI single master multiple slaves configuration
002aaa903
master
slave
8-BIT SHIFT
REGISTER
SPI CLOCK
GENERATOR
8-BIT SHIFT
REGISTER
MISO
MOSI
SPICLK
port
port
MISO
MOSI
SPICLK
SS
slave
8-BIT SHIFT
REGISTER
MISO
MOSI
SPICLK
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com