Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC970FDH Datasheet(PDF) 12 Page - NXP Semiconductors

Part # P89LPC970FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970FDH Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button P89LPC970FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
FMCON
Program flash
control (Read)
E4H
BUSY
-
-
-
HVA
HVE
SV
OI
70
0111 0000
Program flash
control (Write)
E4H
FMCMD.
7
FMCMD.
6
FMCMD.
5
FMCMD.
4
FMCMD.
3
FMCMD.
2
FMCMD.
1
FMCMD.
0
FMDATA
Program flash
data
E5H
00
0000 000
0
I2ADR
I2C-bus slave
address register
DBH
I2ADR.6
I2ADR.5
I2ADR.4
I2ADR.3
I2ADR.2
I2ADR.1
I2ADR.0
GC
00
0000 000
0
Bit address
DF
DE
DD
DC
DB
DA
D9
D8
I2CON*
I2C-bus control
register
D8H
-
I2EN
STA
STO
SI
AA
-
CRSEL
00
x000 00x0
I2DAT
I2C-bus data
register
DAH
I2SCLH
Serial clock
generator/SCL
duty cycle
register high
DDH
00
0000 000
0
I2SCLL
Serial clock
generator/SCL
duty cycle
register low
DCH
00
0000 000
0
I2STAT
I2C-bus status
register
D9H
STA.4
STA.3
STA.2
STA.1
STA.0
0
0
0
F8
1111 1000
Bit address
AF
AE
AD
AC
AB
AA
A9
A8
IEN0*
Interrupt
enable 0
A8H
EA
EWDRT
EBO
ES/ESR
ET1
EX1
ET0
EX0
00
0000 000
0
Bit address
EF
EE
ED
EC
EB
EA
E9
E8
IEN1*
Interrupt
enable 1
E8H
-
EST
-
EXTIM
ESPI
EC
EKBI
EI2C
00[2]
00x0 0000
Bit address
BF
BE
BD
BC
BB
BA
B9
B8
IP0*
Interrupt
priority 0
B8H
-
PWDRT
PBO
PS/PSR
PT1
PX1
PT0
PX0
00[2]
x000 0000
IP0H
Interrupt
priority 0 high
B7H
-
PWDRTH
PBOH
PSH/
PSRH
PT1H
PX1H
PT0H
PX0H
00[2]
x000 0000
Table 4.
Special function registers …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com