Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC970FDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P89LPC970FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970FDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P89LPC970FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
7 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
6.2 Pin description
Table 3.
Pin description
Symbol
Pin
Type
Description
DIP20,
TSSOP20
P0.0 to P0.7
I/O
Port 0: Port 0 is an 8-bit I/O port with a user-configurable output type. During reset
Port 0 latches are configured in the input-only mode with the internal pull-up
disabled. The operation of Port 0 pins as inputs and outputs depends upon the port
configuration selected. Each port pin is configured independently. Refer to Section
7.16.1 “Port configurations” and Table 11 “Static characteristics” for details.
The Keypad Interrupt feature operates with Port 0 pins.
All pins have Schmitt trigger inputs.
Port 0 also provides various special functions as described below:
P0.0/CMP2/KBI0/
SPICLK
1I/O
P0.0 — Port 0 bit 0.
O
CMP2 — Comparator 2 output
I
KBI0 — Keyboard input 0.
I/O
SPICLK — SPI clock. When configured as master, this pin is output; when
configured as slave, this pin is input (pin remap).
P0.1/CIN2B/
KBI1
20
I/O
P0.1 — Port 0 bit 1.
I
CIN2B — Comparator 2 positive input B.
I
KBI1 — Keyboard input 1.
P0.2/CIN2A/
KBI2
19
I/O
P0.2 — Port 0 bit 2.
I
CIN2A — Comparator 2 positive input A.
I
KBI2 — Keyboard input 2.
P0.3/CIN1B/
KBI3/T2
18
I/O
P0.3 — Port 0 bit 3. High current source.
I
CIN1B — Comparator 1 positive input B.
I
KBI3 — Keyboard input 3.
I/O
T2 — Timer/counter 2 external count input or overflow output.
P0.4/CIN1A/
KBI4
17
I/O
P0.4 — Port 0 bit 4. High current source.
I
CIN1A — Comparator 1 positive input A.
I
KBI4 — Keyboard input 4.
P0.5/CMPREF/
KBI5/T3
16
I/O
P0.5 — Port 0 bit 5. High current source.
I
CMPREF — Comparator reference (negative) input.
I
KBI5 — Keyboard input 5.
I/O
T3 — Timer/counter 3 external count input or overflow output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com