Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD-DPGIOZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD-DPGIOZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD-DPGIOZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD-DPGIOZ Datasheet HTML 28Page - Analog Devices AD-DPGIOZ Datasheet HTML 29Page - Analog Devices AD-DPGIOZ Datasheet HTML 30Page - Analog Devices AD-DPGIOZ Datasheet HTML 31Page - Analog Devices AD-DPGIOZ Datasheet HTML 32Page - Analog Devices AD-DPGIOZ Datasheet HTML 33Page - Analog Devices AD-DPGIOZ Datasheet HTML 34Page - Analog Devices AD-DPGIOZ Datasheet HTML 35Page - Analog Devices AD-DPGIOZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 32 of 60
Register Name
Register
Address
Bit(s)
Parameter
Function
3:0
N[3:0]
Sets DLL divide ratio (1 to 8) at the output of the DLL.
0000: not valid.
0001: 1.
0010: 2.
…
0110: 6.
0111: not valid.
1000: 8.
1001: not valid.
…
1111: not valid.
DLL Control 1
0x72
7
DLL_Locked
1: DLL has locked to reference clock (read only).
6:5
DLLDIV[1:0]
00: DLL output is directly driven out. Divider is bypassed.
01: DLL output is directly driven out. Divider is bypassed.
10: DLL output is divided by 2.
11: DLL output is divided by 4.
4:0
M[4:0]
Sets DLL multiplication factor (1 to 32).
00000: 1.
00001: 2.
…
11111: 32.
DLL Control 2
0x75
7:4
0
Set these bits to 0.
3
DLL_RESB
Reset DLL. The DLL must be reset by a low to high transition on this bit
each time the DLL configuration is changed or the reference frequency is
changed.
2:0
0
Set these bits to 0.
Aux ADC Config
0x77
7:6
CONV_TIME[1:0]
Sets the number of AUXADCCLK cycles required to perform a conversion.
and Conversion
Start
00: 20 AUXADCCLK cycles.
01: 22 AUXADCCLK cycles.
10: 26 AUXADCCLK cycles.
11: 34 AUXADCCLK cycles.
5:3
Unused
2:0
AUXADC_CH[2:0]
Selects analog input channel to the auxiliary ADC.
000: AUXIN1, Pin 72.
001: AUXIO2, Pin 71.
010: AUXIO3, Pin 70.
011: internal VPTAT voltage.
100: internal VCMLI voltage.
101: internal VCMLQ voltage.
110: RXCML voltage.
111: not connected.
Any write to this register initiates an ADC conversion cycle.
Aux ADC MSBs
0x78
7:0
AUXADC[11:4]
This is the 8 MSBs of the most recent AUXADC conversion result.
Aux ADC LSBs
0x79
7:4
AUXADC[3:0]
This is the 4 LSBs of the most recent AUXADC conversion result.
3
CONV_COMPL
0: indicates that the request auxiliary ADC conversion is in progress.
1: indicates that the auxiliary ADC conversion result is valid.
2:0
CHAN_SEL[2:0]
Indicates the actual auxiliary ADC input channel selected for the
conversion. This should match the channel that was selected in the write
to Register 0x77 that initiated the conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com