Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD-DPGIOZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD-DPGIOZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD-DPGIOZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD-DPGIOZ Datasheet HTML 48Page - Analog Devices AD-DPGIOZ Datasheet HTML 49Page - Analog Devices AD-DPGIOZ Datasheet HTML 50Page - Analog Devices AD-DPGIOZ Datasheet HTML 51Page - Analog Devices AD-DPGIOZ Datasheet HTML 52Page - Analog Devices AD-DPGIOZ Datasheet HTML 53Page - Analog Devices AD-DPGIOZ Datasheet HTML 54Page - Analog Devices AD-DPGIOZ Datasheet HTML 55Page - Analog Devices AD-DPGIOZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 52 of 60
AUXILIARY CONVERTERS
The AD9961/AD9963 have two fast settling servo DACs, along
with an analog input and two analog I/O pins. All of the
auxiliary converters run off a dedicated supply pin. The input
and output compliance ranges depend on the voltage supplied.
AUXILIARY ADC
The auxiliary ADC is a 12-bit SAR converter that is accessed
and controlled through the serial port registers (Register 0x77
through Register 0x7B). The ADC voltage reference and clock
signals are generated on chip. The auxiliary ADC is preceded by
a seven-input multiplexer. The ADC inputs can be connected to
either the AUXIN1, AUXIO2, AUXIO3 input pins, or one of
four internal signals as shown in Figure 85.
AUX
DAC10A
AUXIN1
AUXIO2
AUXIO3
VCMLQ
VRxCML
VPTAT
VCMLI
/R
CLK
2.5V
AUXREF
AUXADCCLK
110
100
101
011
000
001
010
REG 0x77[2:0]
SEL
REG 0x7A[2:0]
VINT
111
AUX
DAC10B
AUX
DAC
Figure 85. Block Diagram of Auxiliary ADC Circuitry
CONVERSION CLOCK
The auxiliary ADC conversion clock is generated through a
programmable binary division of the CLK input signal. The
frequency of the ADC conversion clock is programmable and
can be calculated from the following equation:
R
f
f
CLK
AUXCLK =
where R is programmed through Register 0x7A, Bits[2:0].
For best performance and lowest power consumption, the
conversion clock speed should be set to the lowest speed that
meets the system conversion time requirements. The maximum
allowable auxiliary ADC clock speed is 10 MHz.
Voltage Reference
The auxiliary ADC has an internal, temperature stable, 2.5 V
reference. This results in an input voltage range of 0 V to 3.2 V.
When using the internal voltage reference, the AUXADCREF
pin should be decoupled to AGND through a 0.22 µF capacitor.
The AUXADCREF pin can be used as a reference output to
external devices, but the current load on the pin should be
limited to sourcing less than 5 mA and sinking less than 100 µA.
For systems with tight accuracy requirements, a higher accuracy
external reference can be used to source a voltage into the
AUXADCREF pin. The input voltage range for external voltage
references is from 1.0 V to 2.5 V. The input impedance of the
AUXADCREF pin is 100 kΩ. The full-scale input voltage of the
ADC is a function of the voltage reference as:
AUXREF
AUXFS
V
V
×
=
5
.
2
2
.
3
Analog Inputs
The ADC can be configured to sample one of eight analog
inputs. The input is selected through the channels select bits
(Register 0x77, Bits[2:0]). These eight signals are described in
Table 28.
Table 28. Auxiliary ADC Channel Selections
Channel
Select
Signal
Description
000
AUXIN1
Pin 72.
001
AUXIO2
Pin 71. The auxiliary DAC10A should be
disabled when using this pin as an input.
010
AUXIO3
Pin 70. The auxiliary DAC10B should be
disabled when using this pin as an input.
011
VPTAT
Voltage proportional to absolute
temperature scaled to 0.2 °K per LSB.
Therefore, the temperature in degrees C
is:
2
.
273
5
_
)
(Co
−
=
CODE
ADC
T
100
VCMLI
Common mode level of the I and Q Rx
ADC buffers. Should measure
approximately 0.9 V. The buffer must be
enabled (see Configuration Register
0x7E).
101
VCMLQ
110
RXCML
The RXCML output voltage on Pin 10. This
should measure approximately 1.4 V.
111
GND
Should measure 0 V.
When selected, Input Pin 70, Pin 71, and Pin 72 are connected
to the sampling cap of the auxiliary ADC. Therefore, the
circuits driving these inputs need to recover to the desired
accuracy from having a discharged 10 pF capacitor connected
to it at the initiation of the conversion, within the sampling
window. A programmable delay (Register 0x7B, Bits[1:0]) can
be added to the conversion cycle time to allow additional
settling time of the input. If the ADC input is driven from a low
source impedance, like the output of an op amp, a 20-cycle
conversion time should yield good results. Higher impedance
sources may require the 34-cycle conversion time to fully settle.
Where the conversion cycle time is not an issue, it is
recommended that the full 34-cycle conversion time be used.
Conversions where the input multiplexer is switched between
inputs require a longer conversion cycle time than consecutive
conversions from the same multiplexer input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com