Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD-DPGIOZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD-DPGIOZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD-DPGIOZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD-DPGIOZ Datasheet HTML 32Page - Analog Devices AD-DPGIOZ Datasheet HTML 33Page - Analog Devices AD-DPGIOZ Datasheet HTML 34Page - Analog Devices AD-DPGIOZ Datasheet HTML 35Page - Analog Devices AD-DPGIOZ Datasheet HTML 36Page - Analog Devices AD-DPGIOZ Datasheet HTML 37Page - Analog Devices AD-DPGIOZ Datasheet HTML 38Page - Analog Devices AD-DPGIOZ Datasheet HTML 39Page - Analog Devices AD-DPGIOZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 36 of 60
200Ω
1kΩ
1kΩ
200Ω
200Ω
200Ω
33Ω
33Ω
0.1µF
ADA4937
VOCM
RXIP
RXIN
AD9961/
AD9963
0.1µF
0.1µF
VCC
+VIN
–VIN
Figure 41. Differential Input Configuration, AC-Coupled
The output common-mode voltage of the ADA4937 is set to
match the common-mode voltage required by the ADC by
connecting the RXCML output to the VOCM input of the
amplifier. The RXCML output nominally is at 1.4 V. Bypassing
the RXCML output to analog ground maintains the stability of
the output buffer and lowers the noise.
200Ω
200Ω
200Ω
200Ω
33Ω
33Ω
0.1µF
ADA4937
VOCM
RXIP
RXIN
AD9961/
AD9963
+VIN
–VIN
RXCML
Figure 42. Differential Input Configuration, DC-Coupled
At higher input frequencies, the amplifiers required to maintain
the full dynamic power of the AD9963 requires considerable
supply current. For higher frequency power sensitive applications,
differential transformer coupling is the recommended input
configuration. The signal characteristics must be considered
when selecting a transformer. Most RF transformers saturate at
frequencies below a few megahertz, and excessive signal power
can also cause core saturation, which leads to distortion.
In any configuration, the value of the shunt capacitor, C, is
dependent on the input frequency and may need to be reduced
or removed.
*CDIFF IS OPTIONAL.
1.25V p-p
33Ω
33Ω
*CDIFF
C
50Ω
0.1μF
ADT1-1WT
1:1 Z RATIO
ADC
AD9963
RXIP
C
0.1µF
RXIN
Figure 43. Differential Transformer—Coupled Configuration
Single-Ended Input Configuration
Driving the Rx inputs with a single-ended signal typically limits
the achievable ADC performance. When using this configuration,
best performance is achieved by maintaining a balanced
impedance off each of the Rx inputs as shown in Figure 44.
*CDIFF IS OPTIONAL.
1.25V p-p
33Ω
49.9Ω
33Ω
25Ω
*CDIFF
C
49.9Ω
0.1μF
ADC
AD9963
RXIP
C
0.1µF
RXIN
Figure 44. Single-Ended Input Configuration
Interfacing to the ADF4602 Rx Baseband Outputs
The ADF4602 is an RF transceiver suitable for femtocell and
other wireless communications applications. The ADF4602
Rx baseband outputs have a nominal output common-mode
voltage that can be set to 1.4 V. The ADF4602 can be dc-
coupled to the AD9963. It is recommended that a first-order
low-pass filter be placed between the two devices to reject
unwanted high frequency signals that may alias into the desired
baseband signal.
100Ω
100Ω
68pF
68pF
ADC
AD9963
ADF4602
RXIP
RXIN
RXBBI
RXBBIB
Figure 45. ADF4602 to AD9963 Receive Interface Circuit
In this application, the ADF4602 is setting the common-mode
input voltage of the AD9963 ADCs. The input common-mode
buffer of the AD9963 should be disabled (set Register 0x7E,
Bit 1 = 1) to avoid contention with the ADF4602 output driver.
DECIMATION FILTER AND DIGITAL OFFSET
Decimation Filter
The I and Q receive paths each have a bypassable 2× decimating
low-pass filter. The half-band digital filter reduces the output
sample rate by a factor of 2 while rejecting aliases that fall into
the band of interest. These low-pass filters provide >7 dB of
stop-band rejection for 40% of the output data rate. When used
with quadrature signals, the complex output band is 80% of the
quadrature output data rate. A graph of the pass-band response
of the decimation filter is shown in Figure 46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com