Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD-DPGIOZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD-DPGIOZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD-DPGIOZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD-DPGIOZ Datasheet HTML 42Page - Analog Devices AD-DPGIOZ Datasheet HTML 43Page - Analog Devices AD-DPGIOZ Datasheet HTML 44Page - Analog Devices AD-DPGIOZ Datasheet HTML 45Page - Analog Devices AD-DPGIOZ Datasheet HTML 46Page - Analog Devices AD-DPGIOZ Datasheet HTML 47Page - Analog Devices AD-DPGIOZ Datasheet HTML 48Page - Analog Devices AD-DPGIOZ Datasheet HTML 49Page - Analog Devices AD-DPGIOZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 46 of 60
DRIVING THE CLOCK INPUT
For optimum performance, the AD9961/AD9963 clock inputs
(CLKP and CLKN) should be clocked with a low jitter, fast rise
time differential signal. This signal should be ac-coupled to the
CLKP and CLKN pins via a transformer or capacitors. The
CLKP/CLKN inputs are internally biased and require no
external bias circuitry. Figure 66 through Figure 69 show
preferred methods for clocking the AD9961/AD9963.
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
50Ω*
50Ω*
CLK
CLK
*50Ω RESISTORS ARE OPTIONAL.
CLK_N
CLK_P
ADC
AD9963
LVDS DRIVER
CLK+
CLK–
AD9510/AD9511/
AD9512/AD9513/
AD9514/AD9515/
AD9516/AD9518
Figure 66. Differential LVDS Sample Clock
In applications where the receive analog input signals and the
transmit analog output signals are at low frequencies, it is
acceptable to drive the sample clock inputs with a single-ended
CMOS signal. In such applications, CLKP should be driven
directly from a CMOS gate, and the CLKN pin should be bypassed
to ground with a 0.1 μF capacitor in parallel with a 39 kΩ
resistor (see Figure 67). A series termination resistor off the
clock driver output may improve the dynamic response of the
driver.
0.1µF
50
Ω
CLK
CLK
0.1µF
0.1µF
CLK_N
CLK_P
ADC
AD9963
OPTIONAL
100Ω
39kΩ
CMOS DRIVER
CLK+
AD9510/AD9511/
AD9512/AD9513/
AD9514/AD9515/
AD9516/AD9518
Figure 67. Single-Ended 1.8 V CMOS Sample Clock
100
Ω
0.1µF
0.1µF
0.1µF
0.1µF
240
Ω
240
Ω
50
Ω*
50
Ω*
CLK
CLK
*50
Ω RESISTORS ARE OPTIONAL.
CLK_N
CLK_P
ADC
AD9963
PECL DRIVER
CLK+
CLK–
AD9510/AD9511/
AD9512/AD9513/
AD9514/AD9515/
AD9516/AD9518
Figure 68. Differential PECL Sample Clock
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSM2812
CLK+
50Ω
CLK_N
CLK_P
Mini-Circuits®
ADT1-1WT, 1:1Z
XFMR
ADC
AD9963
Figure 69. Transformer Coupled Clock
Note that the 39 kΩ resistor shown in the CMOS clock driver
example shifts the CLK_N input to about 0.9 V. This is optimal
when the CMOS driver is supplied from a 1.8 V supply.
A 2.5 V CMOS driver may also be used. In this case, the
minimum CLK33V supply voltage should be 2.5 V. The 39 kΩ
resistor should be removed in this case. Connecting CLKN to
ground with just a 0.1 µF capacitor results in the CLKN voltage
being biased to about 1.2 V.
Clock Duty Cycle Considerations
The duty cycle of the input clock should be maintained between
45% and 55%. Duty cycles outside of this range affects the
dynamic performance of the ADC. This is especially true at
sample rates greater than 75 MHz. It is recommended that the
duty cycle stabilizer (DCS) be used at clock rates above 75 MHz
to ensure the sampling clock maintains the proper duty cycle
inside the device. Below 75 MHz, the DCS should be bypassed.
The DCS is bypassed by setting Register 0x66, Bit 2 high.
DLL Duty Cycle Caution
Stability of the DLL output requires the main clock input to
have a duty cycle of 50% or less. In systems where the duty cycle
is greater than 50%, care should be taken to swap the CLKP and
CLKN pins to reverse this effect.
CLOCK MULTIPLICATION USING THE DLL
The AD9961/AD9963 contain a recirculating DLL, as shown in
Figure 70. This circuit allows the incoming CLK signal
(REFCLK) to be multiplied by a programmable M/N factor.
This provides a means of generating a wide range of DLL output
clock (DLLCLK) frequencies. The DLLCLK signal can be used
for either the receive ADC sampling clock, the transmit DAC
sampling clock, or both. The EXTDLLCLK signal can be
programmed to appear on the TXCLK pin or TRXCLK if
desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com