Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD-DPGIOZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD-DPGIOZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD-DPGIOZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD-DPGIOZ Datasheet HTML 50Page - Analog Devices AD-DPGIOZ Datasheet HTML 51Page - Analog Devices AD-DPGIOZ Datasheet HTML 52Page - Analog Devices AD-DPGIOZ Datasheet HTML 53Page - Analog Devices AD-DPGIOZ Datasheet HTML 54Page - Analog Devices AD-DPGIOZ Datasheet HTML 55Page - Analog Devices AD-DPGIOZ Datasheet HTML 56Page - Analog Devices AD-DPGIOZ Datasheet HTML 57Page - Analog Devices AD-DPGIOZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 54 of 60
The curves in Figure 89 represent four of the possible DAC
transfer functions with the full-scale voltage of 3.0 V and spans
of 0.5 V, 1.0 V, 1.5 V, and 2.0 V. The curves in Figure 90
represent four of the possible DAC transfer functions with the
full-scale voltage of 1.5 V and spans of 0.5 V, 1.0 V, 1.5 V, and
2.0 V. Note that the 2.0 V span results in clamping at the lower
end of the scale at 0 V where the equation resultsin negative
output voltages.
0.5
1.0
1.5
2.0
CODE
2.5
3.0
3.5
0
128
256
384
512
640
768
896
1024
RNG00
RNG01
RNG10
RNG11
Figure 89. AUXDAC10 Voltage Output vs. Digital Code, VTOP = 3.0 V
(RTOP = 3.2 kΩ)
0
0.25
0.50
0.75
CODE
1.25
1.75
1.00
1.50
2.00
0
128
256
384
512
640
768
896
1024
RNG00
RNG01
RNG10
RNG11
Figure 90. AUXDAC10 Voltage Output vs. Digital Code, VTOP = 1.5 V
(RTOP = 8.0 kΩ)
12-Bit Auxiliary DACs
The two 12-bit DACs have similar transfer functions and are
output on the DAC12A and DAC12B pins. The two DACs can
be independently enabled and configured. Figure 91 shows a
simplified schematic of the 12-bit auxiliary DAC.
AUX33V
AUXDACREF
2.3
Ω
R
R
RTOP
1
0
VREF
DAC12
DAC12TOP: 0 = RTOP = 0.8R
1 = RTOP = 2.3R
0 TO VREF
REFIO
DACCODE
Figure 91. Simplified Schematic of the 12-Bit Auxiliary DAC
Note that VREF can be derived from a 1.0 V bandgap reference
or be ratiometric with the AUX33V supply. An additional gain
stage follows the DAC that sets the final full-scale output
voltage . The following equation describes the no load output
voltage:
×
=
1024
DACCODE
V
V
FS
OUT
where VFSis set with the combination of bits shown in Table 29.
Table 29. 12-Bit Auxiliary DAC Full-Scale Voltage Selection
AUXDAC_REF
DAC10x_RNG1
V
FS
0
0
AUX33V
0
1
0.54 × AUX33V
1
0
3.3 V
1
1
1.8 V
1 x = A or B.
The curves in Figure 92 show the two transfer functions when
using the internal 1.0 V bandgap reference.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
128
256
384
512
640
768
896
1024
CODE
VFS = 3.3V
VFS = 1.8V
Figure 92. AUXDAC12 Voltage Output vs. Digital Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com