Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD-DPGIOZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD-DPGIOZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD-DPGIOZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD-DPGIOZ Datasheet HTML 18Page - Analog Devices AD-DPGIOZ Datasheet HTML 19Page - Analog Devices AD-DPGIOZ Datasheet HTML 20Page - Analog Devices AD-DPGIOZ Datasheet HTML 21Page - Analog Devices AD-DPGIOZ Datasheet HTML 22Page - Analog Devices AD-DPGIOZ Datasheet HTML 23Page - Analog Devices AD-DPGIOZ Datasheet HTML 24Page - Analog Devices AD-DPGIOZ Datasheet HTML 25Page - Analog Devices AD-DPGIOZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 22 of 60
DATA BIT N – 1
DATA BIT N
CS
SCLK
SDIO
SDO
tDV
Figure 36. Timing Diagram for Serial Control Port Register Read
CS
SCLK DON’T CARE
DON’T CARE
16-BIT INSTRUCTION HEADER
REGISTER (N) DATA
REGISTER (N + 1) DATA
SDIO
DON’T CARE
DON’T CARE
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9 A10 A11 A12
D1
D0
R/W
N1
N0
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
Figure 37. Serial Control Port Access—LSB First, 16-Bit Instruction, Two Bytes Data
CS
SCLK
SDIO
tHIGH
tLOW
tCLK
tS
tDS
tDH
tC
BIT N
BIT N + 1
Figure 38. Serial Control Port Timing—Write
Table 13. Serial Control Port Timing
Parameter
Timing (Min, ns)
Description
tDS
5.0
Setup time between data and rising edge of SCLK.
tDH
5.0
Hold time between data and rising edge of SCLK.
tCLK
20.0
Period of the clock.
tS
5.0
Setup time between CS falling edge and SCLK rising edge (start of communication
cycle).
tC
2
Setup time between SCLK rising edge and CS rising edge (end of communication
cycle).
tHIGH
10
Minimum period that SCLK should be in a logic high state.
tLOW
10
Minimum period that SCLK should be in a logic low state.
tDV
5.0
SCLK to valid SDIO and SDO (see Figure 36).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com