Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD-DPGIOZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD-DPGIOZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD-DPGIOZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD-DPGIOZ Datasheet HTML 11Page - Analog Devices AD-DPGIOZ Datasheet HTML 12Page - Analog Devices AD-DPGIOZ Datasheet HTML 13Page - Analog Devices AD-DPGIOZ Datasheet HTML 14Page - Analog Devices AD-DPGIOZ Datasheet HTML 15Page - Analog Devices AD-DPGIOZ Datasheet HTML 16Page - Analog Devices AD-DPGIOZ Datasheet HTML 17Page - Analog Devices AD-DPGIOZ Datasheet HTML 18Page - Analog Devices AD-DPGIOZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 15 of 60
–10
–8
–6
–4
–2
0
2
4
6
8
10
–40 –35 –25 –15 –5
5
15
25
35
45
55
65
75
85
95
TEMPERATURE (°C)
Figure 16. Typical Die Temperature Readback Error vs. Ambient Temperature
REF –38.23dBm
#AVG
LOG 10dB/
PAVG
10
W1 S2
ATTEN 2dB
CENTER 21.00MHz
#RES BW 30kHz
SPAN 33.84MHz
SWEEP 109.8ms (601pts)
RMS RESULTS
CARRIER POWER
–25.07dBm/
3.84000MHz
5.000MHz
10.00MHz
15.00MHz
3.840MHz
3.840MHz
3.840MHz
–73.49
–72.90
–73.44
–98.57
–97.97
–98.51
FREQ OFFSET REF BW
dBc
LOWER
dBm
–73.85
–73.11
–73.56
–98.92
–98.19
–98.63
dBc
UPPER
dBm
VBW 300kHz
EXT REF
DC COUPLED
Figure 17. One-Carrier W-CDMA ACLR Performance, IF = ~21 MHz
50
55
60
65
70
75
80
85
90
95
100
0
102030
405060
fOUT (MHz)
IDAC 1.8V CMOS
SECOND HARMONIC (dBc)
IDAC 1.8V CMOS
THIRD HARMONIC (dBc)
Figure 18. AD9961, Second and Third Harmonic Distortion vs. fOUT,
fDAC = 125 MHz, 1×, Digital Scale = 0 dBFS, TXVDD = 1.8 V
50
55
60
65
70
75
80
85
90
95
100
0
102030
405060
fOUT (MHz)
IDAC 3.3V CMOS
SECOND HARMONIC (dBc)
IDAC 3.3V CMOS
THIRD HARMONIC (dBc)
Figure 19. AD9961, Second and Third Harmonic Distortion vs. fOUT, fDAC =
125 MHz, 1×, Digital Scale = 0 dBFS, TXVDD = 3.3 V
0
10
20
30
40
50
60
70
80
90
100
–80
–70
–60
–50
–40
–30
–20
–10
0
fIN (dBm)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
Figure 20. SNR/SFDR vs. Analog Input Level, fIN = 10 MHz, fADC = 100 MSPS
0
10
20
30
40
50
60
70
80
90
100
–80
–70
–60
–50
–40
–30
–20
–10
0
fIN (dBm)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
Figure 21. SNR/SFDR vs. Analog Input Level, fIN = 70 MHz, fADC = 100 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com