Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD-DPGIOZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD-DPGIOZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD-DPGIOZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD-DPGIOZ Datasheet HTML 30Page - Analog Devices AD-DPGIOZ Datasheet HTML 31Page - Analog Devices AD-DPGIOZ Datasheet HTML 32Page - Analog Devices AD-DPGIOZ Datasheet HTML 33Page - Analog Devices AD-DPGIOZ Datasheet HTML 34Page - Analog Devices AD-DPGIOZ Datasheet HTML 35Page - Analog Devices AD-DPGIOZ Datasheet HTML 36Page - Analog Devices AD-DPGIOZ Datasheet HTML 37Page - Analog Devices AD-DPGIOZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 34 of 60
Register Name
Register
Address
Bit(s)
Parameter
Function
0
RX_DC
0: the ADC common-mode buffer is active. This sets the ADC inputs to
the desired common-mode voltage through 10 kΩ resistors to each
single sided input.
1: disables the common-mode buffer. The buffer should be disabled
whenever the user DC couples to the ADC inputs.
IGAIN CAL MSBs
0x7F
7:0
RXI_Trim[9:2]
The RXI_Trim[9:0] word is used to adjust the gain of the receive path I
ADC. These bits have no effect unless the RXTrim_EN bit is set. The
RXTrim_Fine bit reduces the LSB size of the calibration word by ½.
IGAIN CAL LSBS
0x80
7:3
Unused
2:1
RXI_Trim[1:0]
0
GAINCAL_ENI
1: enables the gain calibration DAC for the I Rx ADC.
IGAIN CAL MSBs
0x81
7:0
RXQ_Trim[9:2]
The RXQ_Trim[9:0] word is used to adjust the gain of the receive path Q
ADC. These bits have no effect unless the RXTrim_EN bit is set. The
RXTrim_Fine bit reduces the LSB size of the calibration word by ½.
IGAIN CAL LSBs
0x82
7:3
Unused
2:1
RXQ_Trim[1:0]
Bottom two LSBs of RXQ_Trim described in Register 0x81 above.
0
GAINCAL_ENQ
1: enables the gain calibration DAC for the Q Rx ADC.
DDLL Lock Bits
0x84
1
TXDDLL lock bit
0: TXDDLL is unlocked.
1: TXDDLL is locked.
0
RXDDLL lock bit
0: RXDDLL is unlocked.
1: RXDDLL is locked.
IGAIN CAL LSBS
0xFF
7:1
Unused
0
Update
Synchronously transfers ADC configuration data from the global register
set to the local ADC register set and activates the changes. A 0-to-1
transition is required to initiate the transfer.
1: transfer ADC parameters to ADC to make changes active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com