Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD-DPGIOZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD-DPGIOZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD-DPGIOZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD-DPGIOZ Datasheet HTML 36Page - Analog Devices AD-DPGIOZ Datasheet HTML 37Page - Analog Devices AD-DPGIOZ Datasheet HTML 38Page - Analog Devices AD-DPGIOZ Datasheet HTML 39Page - Analog Devices AD-DPGIOZ Datasheet HTML 40Page - Analog Devices AD-DPGIOZ Datasheet HTML 41Page - Analog Devices AD-DPGIOZ Datasheet HTML 42Page - Analog Devices AD-DPGIOZ Datasheet HTML 43Page - Analog Devices AD-DPGIOZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 40 of 60
WRITE
POINTER
I DAC
12
12
READ
POINTER
24 BITS
TXCLK
DACCLK
I DATA
PATH
DATA
FORMAT
INPUT
LATCH
REG 0
REG 1
REG 2
REG 3
REG 4
REG 5
REG 6
REG 7
24
FIFO_OFFSET
Reg 0x33[2:0]
Q DAC
12
12
Q DATA
PATH
FIFO
FIFO RESET
AND MONITOR
FIFO_PTR
Reg 0x34[7:0]
TXD[11:0]
TXIQ
26
RDCLK
WRCLK
TXSMPCLK
TX_BNRY
Reg 0x31[0]
TX_IFIRST
Reg 0x31[1]
TXIQ_HILO
Reg 0x31[2]
TXCLK_MD
Reg 0x31[1]
TXCKI_INV
Reg 0x31[3]
TXCKO_INV
Reg 0x31[6]
TXCLK_MD
Reg 0x31[0]
1
0
1
0
13
EN
EN
÷ I
÷ 2
DOUBLER
TX_SDR
Reg 0x31[7]
I = 1
TXDBL_SEL
TX_DBLPW[2:0]
Reg 0x39[0]
Reg 0x3E[5:3]
* I DENOTES INTERPOLATION RATIO
10
1
0
1
0
Figure 52. Transmit Path Data Flow and Clock Generation In Full Duplex Mode
The signal on the TXCLK pin can be configured as either an
input or an output. This is configured by the TXCLK_MD
variable (Register 0x31, Bits[5:4]). Whether configured as an
input or an output, the TXCLK signal has the option of being
inverted by configuring the TXCKI_INV or TXCKO_INV
variables.
The transmit path clock doubler is only used when all of the
interpolation filters are bypassed (I = 1) and the transmit path is
configured in bus rate mode (TX_SDR = 1). For more
information about configuring the clock doubler, see Table 22.
TRANSMIT DAC OPERATION
Figure 53 shows a simplified block diagram of one of the transmit
path DACs. Each DAC consists of a current source array, switch
core, digital control logic, and full-scale output current control.
The DAC contains a current source array capable of providing a
nominal full-scale current (IOUTFS) of 2 mA. The output currents
from the TXIP and TXIN pins are complementary, meaning that
the sum of the two currents always equals the full-scale current of
the DAC. The digital input code to the DAC determines the
effective differential current delivered to the load.
The DACs are powered through the TXVDD pin and can operate
over a 1.8 V to 3.3 V supply range. To facilitate interfacing the
output of the AD9961/AD9963 directly to a range of common-
mode levels, an internal bias voltage is made available through the
TXCML pin.
The DAC full-scale output current is regulated by the reference
control amplifier and is determined by the product of a reference
current, a programmable reference resistor, RREF, an internal
programmable resistor, RSET, and a pair of programmable gain
scaling parameters.
TXVDD
IGAIN1[5:0]
0x68[5:0]
IGAIN2
0x69[5:0]
100µA
REFIO
REFIO_ADJ[5:0]
0x6E[5:0]
IRSET[5:0]
0x6A[5:0]
TXDATA
IDAC
RREF
RSET
TX1P
TX1N
TXCML
DACCLK
Figure 53. Simplified Block Diagram of I DAC Core
Transmit DAC Transfer Function
The output currents from the TXIP and TXIN pins are
complementary, meaning that the sum of the two currents
always equals the full-scale current of the DAC. The digital
input code to the DAC determines the effective differential
current delivered to the load. TXIP provides maximum output
current when all bits are high. The output currents vs. DACCODE
for the DAC outputs are expressed as:
OUTFS
N
TXIP
I
DACCODE
I


2
(1)
TXIP
OUTFS
TXIN
I
I
I
(2)
where DACCODE = 0 to 2N − 1.
There are a number of adjustments that can be made to scale IOUTFS
to provide programmability in the output signal level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com