Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD-DPGIOZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD-DPGIOZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD-DPGIOZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD-DPGIOZ Datasheet HTML 38Page - Analog Devices AD-DPGIOZ Datasheet HTML 39Page - Analog Devices AD-DPGIOZ Datasheet HTML 40Page - Analog Devices AD-DPGIOZ Datasheet HTML 41Page - Analog Devices AD-DPGIOZ Datasheet HTML 42Page - Analog Devices AD-DPGIOZ Datasheet HTML 43Page - Analog Devices AD-DPGIOZ Datasheet HTML 44Page - Analog Devices AD-DPGIOZ Datasheet HTML 45Page - Analog Devices AD-DPGIOZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 42 of 60
–8
–6
–4
–2
0
2
4
6
8
1
9
17
25
33
41
49
57
GAIN1
Figure 56. Typical DAC Full-Scale Current vs. GAIN1 Code
1.94
1.96
1.98
2.00
2.02
2.04
2.06
0
8
16
24
32
40
48
56
GAIN2
Figure 57. Typical DAC Full-Scale Current vs. GAIN2 Code
TRANSMIT DAC OUTPUTS
The optimum noise and distortion performances of the AD9961/
AD9963 are realized when they are configured for differential
operation. The common-mode error sources of the DAC outputs
are significantly reduced by the common-mode rejection of a
transformer or differential amplifier. These common-mode
error sources include even-order distortion products and noise.
The enhancement in distortion performance becomes more
significant as the frequency content of the reconstructed waveform
increases and/or its amplitude increases. This is due to the first-
order cancellation of various dynamic common-mode distortion
mechanisms, digital feedthrough, and noise.
RO
RO
+
+
TXIP
TXIN
TXQP
TXQN
TXCML
–
–
VIP
VIN
VQP
VQN
VOUTQ
VOUTI
RO
RO
Figure 58. Basic Transmit DAC Output Circuit
Figure 58 shows the most basic DAC output circuitry. A pair of
resistors, RO, are used to convert each of the complementary
output currents to a differential voltage output, VOUTX. Because
the current outputs of the DAC are very high impedance, the
differential driving point impedance of the DAC outputs, ROUT,
is equal to 2 × RO.
Figure 59 illustrates the output voltage waveforms.
VPEAK
VP
VOUT
VN
VCM
0
–VPEAK
Figure 59. Voltage Output Waveforms
The common-mode signal voltage, VCM, is calculated as:
O
FS
CM
R
I
V
×
=
2
The peak output voltage, VPEAK, is calculated as:
O
FS
PEAK
R
I
V
×
=
With this circuit configuration, the single-ended peak voltage is
the same as the peak differential output voltage.
Setting the TXCML Pin Voltage
The TXCML pin serves to change the DAC bias voltages in the
part, allowing it to operate with higher output signal common-
mode voltages. When the output signal common mode is below
0.8 V, the TXCML pin should be tied directly to AGND. When
the output signal common mode is greater then 0.8 V, then the
TXCML pin should be set to 0.5 V. The TXCML pin should be a
low ac impedance source (capacitive decoupling is
recommended).
When the TXVDD supply is 1.8 V, the output signal common-
mode voltage should be kept close to 0 V and the TXCML pin
should be connected directly to ground. When the TXVDD
supply is 3.3 V, the output signal common mode can be operated as
high as 1.25 V.
The circuit shown in Figure 60 shows a typical output circuit
configuration that provides a non zero bias voltage at the
TXCML pin. Resistance values of 499 Ω for RL and 249 Ω for
RCML produces a 2 V p-p differential output voltage swing with a
1.0 V output common-mode voltage and a voltage of 0.5 V
supplied to the TXCML pin. The 2 mA full-scale current flows
through the 249 Ω RCML creating the 0.5 V TXCML voltage. The
decoupling capacitor, assures a low ac driving impedance for
the TXCML pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com