Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616X-R2R-503 Datasheet(PDF) 47 Page - Bourns Electronic Solutions

Part # 4616X-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616X-R2R-503 Datasheet(HTML) 47 Page - Bourns Electronic Solutions

Back Button 4616X-R2R-503 Datasheet HTML 43Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 44Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 45Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 46Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 47Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 48Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 49Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 50Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 51Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
Specifications are subject to change without notice.
323
For designers developing high performance systems, exact
termination resistances which account for line loading may be
desirable. This resistance (or equivalent resistance) can be cal-
culated using the formula:
Rterm =
Zo
1 + Cd / Co
where Zo is the characteristic impedance of the line, Cd is the
total capacitance associated with the receiving devices (typically
5 pF per input gate) or other loads off the line, and Co is the
intrinsic capacitance of the line.
The series termination technique suppresses reflections at the
driving device should any waveforms be reflected back from the
driven end of the line. Series termination preserves power since
there is no current path to ground or Vcc as in the other meth-
ods. However, this technique results in incident signals that
transition slowly. It is also not appropriate for distributed loads
due to the half-amplitude waveforms which exist at intermediate
points along the line.
RC termination represents a compromise between power con-
sumption and effect on performance. Its principle of operation is
similar to parallel termination, but the capacitor blocks the DC
component of the signal, thus reducing power consumption.
However, the effectiveness of this method depends on the fre-
quency and duty cycle of the application. RC termination also
can be an expensive technique if implemented using discrete
components rather than a network.
Typical Usage
While not every address, data and control line may require
pull-up/pull-down or termination as part of the system’s design,
the table below shows common practice for some popular
devices.
V
MICRO-
MICROPROCESSORS
CONTROLLERS
68000
68020
80286 80386
68HC11
8051
No. address lines
23
32
24
32
Termination
0
32
0
32
No. data lines
16
32
16
32
Termination
0
32
0
32
No. control lines
21
27
13
15
Termination
0
27
0
15
Total I/O lines
60
91
53
79
38
32
Termination
0
91
0
79
0
0
1
8
702
1
9
1
10
701
NO. OF LINES
BOURNS P/N
PACKAGE
7
4608H-701-RC/CC
High Profile
8
4609H-701-RC/CC
Conformal
9
4610H-701-RC/CC
SIP
NO. OF LINES
BOURNS P/N
PACKAGE
8
4610H-702-RC/CC
High Profile
Conformal SIP
For all RC terminators, standard R values are 50, 68, 75 and 100
ohms. Standard values for C are 47, 100, 500 and 1000pF. See
data sheet to select custom combinations of R and C.
REFERENCES:
1. Blood, W.R., MECL System Design Handbook, Motorola, Inc., 1983.
2. F100K ECL Data Book, Fairchild Semiconductor Corp., 1986.
3. MECL Device Data, Motorola, Inc., 1987.
RC Terminator Networks 700 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com