Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616X-R2R-503 Datasheet(PDF) 13 Page - Bourns Electronic Solutions

Part # 4616X-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616X-R2R-503 Datasheet(HTML) 13 Page - Bourns Electronic Solutions

Back Button 4616X-R2R-503 Datasheet HTML 9Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 10Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 11Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 12Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 13Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 14Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 15Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 16Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 17Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
Specifications are subject to change without notice.
289
Isolated Resistors (102 Circuit)
Model 4306R-102-RC (6 Pin)
Model 4308R-102-RC (8 Pin)
Model 4310R-102-RC (10 Pin)
Bussed Resistors (101 Circuit)
Model 4306R-101-RC (6 Pin)
Model 4308R-101-RC (8 Pin)
Model 4309R-101-RC (9 Pin)
Model 4310R-101-RC (10 Pin)
Model 4311R-101-RC (11 Pin)
Dual Terminator (104 Circuit)
Model 4306R-104-R1/R2
Model 4308R-104-R1/R2 (shown)
Model 4309R-104-R1/R2
Model 4310R-104-R1/R2
Model 4311R-104-R1/R2
10
1
1
8
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
8
6
1
4306
4308
4310
4306
4308
4309
6
8
9
10
11
4310
4311
These models incorporate 3, 4 or 5
isolated thick-film resistors of equal
value, each connected between two
pins.
Resistance Tolerance
10 ohms to 49 ohms ...................±1 ohm
50 ohms to 5 megohms..................±2%*
Above 5 megohms...........................±5%
Power Rating per Resistor
At 70°C ....................................0.30 watt
Power Temperature Derating Curve
AMBIENT TEMPERATURE ( C )
°
0
70
125
.50
.40
.30
.20
.10
25
These models incorporate 5, 7, 8, 9 or
10 thick-film resistors of equal value,
each connected between a separate
pin.
Resistance Tolerance
10 ohms to 49 ohms ...................±1 ohm
50 ohms to 5 megohms..................±2%*
Above 5 megohms...........................±5%
Power Rating per Resistor
At 70°C ....................................0.20 watt
Power Temperature Derating Curve
AMBIENT TEMPERATURE ( C )
°
0
70
125
.50
.40
.30
.20
.10
25
4308R-104 (shown above) is an 8-pin
configuration and terminates 6 lines.
Pins 1 and 8 are common for ground
and power, respectively. Twelve
thick-film resistors are paired in series
between the common lines (pins 1
and 8).
Resistance Tolerance
Below 100 ohms........................±2 ohms
100 ohms to 5 megohms................±2%*
Above 5 megohms...........................±5%
Power Rating per Resistor
At 70°C ....................................0.20 watt
Power Temperature Derating Curve
AMBIENT TEMPERATURE ( C )
°
0
70
125
.50
.40
.30
.20
.10
25
Popular Resistance Values (101, 102 Circuits)**
* ±1% TOLERANCE IS AVAILABLE BY ADDING SUFFIX CODE “F” AFTER THE RESISTANCE CODE.
**NON-STANDARD VALUES AVAILABLE, WITHIN RESISTANCE RANGE.
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
10
100
180
181
1,800
182
15,000
153
120,000
124
22
220
220
221
2,000
202
18,000
183
150,000
154
27
270
270
271
2,200
222
20,000
203
180,000
184
33
330
330
331
2,700
272
22,000
223
220,000
224
39
390
390
391
3,300
332
27,000
273
270,000
274
47
470
470
471
3,900
392
33,000
333
330,000
334
56
560
560
561
4,700
472
39,000
393
390,000
394
68
680
680
681
5,600
562
47,000
473
470,000
474
82
820
820
821
6,800
682
56,000
563
560,000
564
100
101
1,000
102
8,200
822
68,000
683
680,000
684
120
121
1,200
122
10,000
103
82,000
823
820,000
824
150
151
1,500
152
12,000
123
100,000
104
1,000,000
105
Popular Resistance Values (104 Circuit)**
Resistance
(Ohms)
Code
R1
R2
R1
R2
160
240
161
241
180
390
181
391
220
270
221
271
220
330
221
331
330
390
331
391
330
470
331
471
3,000
6,200
302
622
4300R Series - Thick Film Molded SIPs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com