Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616X-R2R-503 Datasheet(PDF) 14 Page - Bourns Electronic Solutions

Part # 4616X-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616X-R2R-503 Datasheet(HTML) 14 Page - Bourns Electronic Solutions

Back Button 4616X-R2R-503 Datasheet HTML 10Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 11Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 12Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 13Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 14Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 15Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 16Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 17Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 18Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
4300M Series - Thick Film Molded SIPs
Specifications are subject to change without notice.
290
Product Characteristics
Resistance Range
......................10 ohms to 10 megohms
Maximum Operating Voltage...........100V
Temperature Coefficient of Resistance
50
Ω to 2.2 MΩ..................±100ppm/°C
below 50
Ω ........................±250ppm/°C
above 2.2 M
Ω...................±250ppm/°C
TCR Tracking ..........................50ppm/°C
maximum; equal values
Resistor Tolerance ................See circuits
Operating Temperature
...................................-55°C to +125°C
Insulation Resistance
..................10,000 megohms minimum
Dielectric Withstanding Voltage
.............................................200 VRMS
Lead Solderability
.....Meet requirements of MIL-STD-202
Method 208
Environmental Characteristics
TESTS PER MIL-STD-202.........
∆R MAX.
Short Time Overload...................±0.25%
Load Life .....................................±1.00%
Moisture Resistance ...................±0.50%
Resistance to Soldering Heat
.................................................±0.25%
Terminal Strength........................±0.25%
Thermal Shock............................±0.25%
Physical Characteristics
Flammability .........Conforms to UL94V-0
Lead Frame Material
..........................Copper, solder coated
Body Material ..................Novolac epoxy
AMBIENT TEMPERATURE ( C )
°
0
70
125
3.50
3.00
2.50
2.00
1.50
1.00
.50
25
4308M
4306M
4304M
4310M
Package Power Rating at 70°C
4304M .....................................0.60 watts
4306M .....................................0.90 watts
4308M .....................................1.20 watts
4310M .....................................1.50 watts
6.35
(.250)
MAX.
PIN #1 REF.
24.99
(.984)
MAX.
19.91
(.784)
MAX.
14.83
(.584)
MAX.
9.75
(.384)
MAX.
3.43 + .38/ - .25
(.135 + .015/ - .010)
1.02
± .12
(.040
± .005)
.483
± .050
(.020
± .002)
TYP.
2.54
± .07
(.100
± .003*)
TYP.
NON-ACCUM.
2.16
± .10
(.085
± .004)
1.02
± .05
(.0425
± .002)
.254
± .050
(.010
± .002)
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
.407 + .102/ - .000
(.016 + .004/ - 000)
PART
NUMBER
4306M-101-
222
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
Typical Part Marking
Represents total content. Layout may vary.
How To Order
43 06 M - 101 - 222
Model
(43 = Molded SIP)
Number of Pins
Physical Configuration
(M = Thick Film Medium Profile)
Electrical Configuration
• 101 = Bussed
• 102 = Isolated
• 104 = Dual Terminator
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
Consult factory for other available options.
Package Power Temp. Derating Curve
Product Dimensions
Features
s
Medium profile offers increased power
handling
s
Compatible with automatic insertion
equipment
s
Superior package integrity
s
Marking on contrasting background for
permanent identification
s
Top marking standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com