Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616X-R2R-503 Datasheet(PDF) 24 Page - Bourns Electronic Solutions

Part # 4616X-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616X-R2R-503 Datasheet(HTML) 24 Page - Bourns Electronic Solutions

Back Button 4616X-R2R-503 Datasheet HTML 20Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 21Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 22Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 23Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 24Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 25Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 26Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 27Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 28Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
4400P Series - Thick Film Surface Mounted Wide Body
Specifications are subject to change without notice.
300
Product Characteristics
Resistance Range
.....................10 ohms to 2.2 megohms
Maximum Operating Voltage.............50V
Temperature Coefficient of Resistance
50 ohms and above..........±100ppm/°C
below 50 ohms .................±250ppm/°C
TCR Tracking
...............50ppm/°C max.; equal values
Operating Temperature
...................................-55°C to +125°C
Insulation Resistance
..........................10,000 megohms min.
Dielectric Withstanding Voltage
.............................................200 VRMS
Lead Solderability
.....Meet requirements of MIL-STD-202
Method 208
Environmental Characteristics
TESTS PER MIL-STD-202.........
∆R MAX.
Short Time Overload...................±0.25%
Load Life .....................................±1.00%
Moisture Resistance ...................±0.50%
Resistance to Soldering Heat .....±0.25%
Thermal Shock............................±0.25%
Physical Characteristics
Flammability .........Conforms to UL94V-0
Lead Frame Material
..........................Copper, solder coated
Body Material ..................Novolac epoxy
AMBIENT TEMPERATURE ( C )
°
0
70
125
2.25
2.00
1.75
1.50
1.25
1.00
.75
.50
.25
25
4416P
4420P
Package Power Rating at 70°C
4420P......................................2.00 watts
4416P......................................1.60 watts
7.493
± .076
(.295
± .003)
10.34
± .25
(.407
± .010)
.406
± .025
(.016
± .001)
10.41
± .05
(.410
± .003)
.127 + .127/ - .000
(.005 + .005/ - .000)
.305 + .000/ - .076
(.012 + .000/ - .003)
.94 + .33/ - .35
(.037 + .013/ - .014)
8
° MAX.
12.95
± .05
(.510 +.001/ -.002)
1.27
± .076
(.050
± .003*)
TYP.
2.65
(.104)
MAX.
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
PART NUMBER
4420P-1
YYWW
RESISTANCE
CODE
DATE CODE
CIRCUIT
MANUFACTURER'S
TRADEMARK
PIN ONE
INDICATOR
epresents total content. Layout may vary.
-103
How To Order
44 20 P - 1 - 103
Model
(44 = SMD SOL Pkg)
Number of Pins
Electrical Configuration
• 1 or 4 = Isolated*
• 2 = Bussed*
• 3 = Dual Terminator*
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
*For tube packaging, use T01, T02, T03 or T04.
Consult factory for other available options.
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
9
12
10
11
RECOMMENDED LAND PATTERN
TYP.
SO-16L
SO-20L
NOTE: Land pattern dimensions are based on
design rules established by the Institute for Inter-
connecting and Packaging Electronic Circuits in
IPC-SM-782.
2.0
(.079)
TYP.
1.27
(.050)
TYP.
.63
(.025)
.63
(.025)
12.07
(.475)
7.6
(.299)
11.6
(.457)
Package Power Temp. Derating Curve
Product Dimensions
Typical Part Marking
Recommended Land Pattern
Features
s
Standard E.I.A. package compatible with
automatic placement equipment
s
Compliant leads to reduce solder joint
fatiguing
s
Tape and reel packaging standard
(see page 304 for dimensions)
s
Marking on contrasting background for
permanent identification
s
Standard electrical schematics: isolated,
bussed, dual terminator
s
Custom circuits are available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com