Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616X-R2R-503 Datasheet(PDF) 29 Page - Bourns Electronic Solutions

Part # 4616X-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616X-R2R-503 Datasheet(HTML) 29 Page - Bourns Electronic Solutions

Back Button 4616X-R2R-503 Datasheet HTML 25Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 26Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 27Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 28Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 29Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 30Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 31Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 32Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 33Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
601 Series - RC Networks T-Filters
General Description
Continual advances in digital IC technology are creating stringent demands on
EMI/RFI levels in equipment.
EMI/RFI low pass filters are required in personal computers, data terminals, test
equipment and process controllers for high frequency suppression into or out of
electronic equipment.
For additional information, see application note on pages 320 and 321.
Electrical Specifications - Resistors
Standard Resistance Range* ............................................................10 ohms - 100 ohms
Series Resistance Tolerance ...................................................................................±10%
Temperature Coefficient of Resistance ........................................................±300ppm/°C
Operating Voltage .................................................................................25 volts maximum
Operating Temperatures ..........................................................................+10°C to +85°C
*Other Resistance Values Available, 10 ohms - 1 megohm
Electrical Specifications - Capacitors
Standard Capacitance Range ...................................................................50pF to 200pF
Capacitance Tolerance.............................................................................................±30%
Temperature Characteristic ........................................................................................Z5U
Operating Temperatures ...........................................................................+10°C to +85°C
Voltage Rating .......................................................................................................25 volts
Dielectric Withstand Voltage ...............................................................2.5 x rated voltage
Insulation Resistance ............................................................10,000 megohms minimum
Environmental Specifications - Resistors
∆R MAXIMUM
Thermal Shock .......................................................................................................±0.5%
Resistance to Solder Heat .....................................................................................±0.5%
Terminal Strength ...................................................................................................±0.5%
Mechanical Specifications
Flammability ...................................................................................Conforms to UL94 V-0
Leadframe .....................................................................................Copper, solder coated
Body Material ............................................................................................Epoxy/Novolac
Lead Solderability .................................Meet requirements of MIL-STD-202 Method 208
PIN #1 REF.
4118R AND 4120R
.635
(.025)
MAX.
27.05
(1.065)
MAX.
24.51
(.965)
TYP.
.89
± .25
(.035
± .010)
4.57 + .12/ - .28
(.180 + .005/ - .011)
MAX.
8.40
(.331)
3.43 + .38/ - .25
(.135 + .015/ - .010)
2.03
± .12
(.080
± .005)
2.54
± .25
(.100
± .010*)
TYP.
NON-ACCUM.
1.65 + .12/ - .07
(.065 + .005/ - .003)
.438
± .050
(.019
± .002)
TYP.
7.87
± .25
(.310
± .010)
TO OUTSIDE
WHEN PINS
ARE PARALLEL
6.71
± .10
(.264
± .004)
.76
± .25
(.030
± .010)
.254
± .050
(.010
± .002)
8.64
± .50
(.340
± .020)
Governing dimensions are metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
4420P
.432
± .056
(.017
± .002)
.940 + .355
(.037
± .014)
8
° MAX.
7.493
± .076
(.295
± .003)
10.34
± .25
(.407
± .010)
TYP.
12.95
± .07
(.510
± .003)
1.27
± .076
(.050
± .003*)
TYP.
.127 + .127/ - .000
(.005 + .005/ - .000)
2.65
(.104)
MAX.
.305 + .000/ - .076
(.012 + .000/ - .003)
Features
s
Cost effective R-C construction
s
Insulation resistance testing for reliability
s
Molded surface mount or DIP packaging
s
Compatible with automatic assembly
equipment
s
Custom value capability
Specifications are subject to change without notice.
305



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com