Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616X-R2R-503 Datasheet(PDF) 38 Page - Bourns Electronic Solutions

Part # 4616X-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616X-R2R-503 Datasheet(HTML) 38 Page - Bourns Electronic Solutions

Back Button 4616X-R2R-503 Datasheet HTML 34Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 35Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 36Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 37Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 38Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 39Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 40Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 41Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 42Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
4300T, S, K Series - Thin Film Molded SIP
Specifications are subject to change without notice.
Product Characteristics
Resistance Range
Bussed ...................49.9 to 100K ohms
Isolated ......................20 to 200K ohms
Series.........................20 to 100K ohms
Resistance Tolerance
............................±0.1%, ±0.5%, ±1%
Temperature Coefficient
....................±100ppm/°C, ±50ppm/°C,
±25ppm/°C
Temperature Range ......-55°C to +125°C
Insulation Resistance
..................10,000 megohms minimum
TCR Tracking ..........................±5ppm/°C
Maximum Operating Voltage.............50V
Environmental Characteristics
Thermal Shock and
Power Conditioning ....................... 0.1%
Short Time Overload ...................... 0.1%
Terminal Strength ......................... 0.25%
Resistance to Soldering Heat ........ 0.1%
Moisture Resistance ...................... 0.1%
Life ............................................... 0.50%
Physical Characteristics
Body Material Flammability
...........................Conforms to UL94V-0
Lead Frame Material
..........................Copper, solder coated
Body Material ..................Novolac epoxy
AMBIENT TEMPERATURE ( C )
°
0
70
150
1.75
1.50
1.25
1.00
.75
.50
.25
25
4311T
4310T
4309T
4308T
4306T
125
Package Power Ratings at 70°C
T
S
K
4304 .......... ............ 0.60...... 0.80 watts
4306 ...... 0.75.......... 0.90...... 1.20 watts
4308 ...... 1.00.......... 1.20...... 1.60 watts
4309 ...... 1.13 ................................watts
4310 ...... 1.25.......... 1.50...... 2.00 watts
4311 ...... 1.38 ................................watts
27.53
(1.084)
4.95
(.195)
MAX.
3.43 + .38/ - .25
(.135 + .015/ - .010)
1.02
± .12
(.040
± .005)
2.54
± .07
(.100
± .003*)
TYP.
NON-ACCUM.
.483
± .050
(.020
± .002)
2.16
± .10
(.085
± .004)
1.02
± .05
(.0425
± .002)
.254
± .050
(.010
± .002)
PIN #1 REF.
.381 + .127/ - .000
(.015 + .005/ - 000)
MAX.
24.99
(.984)
MAX.
22.45
(.884)
MAX.
19.92
(.784)
MAX.
14.83
(.584)
MAX.
TYP.
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
4300T
PART
NUMBER
4311T-101-
1003BB
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
Typical Part Marking
Represents total content. Layout may vary.
How To Order
43 11 T - 101 - 2222 F A B
Model
(43 = Molded SIP)
Number of Pins
Physical Config.
•T = Low Profile Thin Film
•S = Medium Profile Thin Film
•K = High Profile Thin Film
Electrical Configuration
•101 = Bussed
•102 = Isolated
•106 = Series
Resistance Code
•First 3 digits are significant
•Fourth digit represents the
number of zeros to follow.
Absolute Tolerance Code
•B = ±0.1%
•F = ±1%
•D = ±0.5%
Temperature Coefficient Code
•A = ±100ppm/°C
•C = ±25ppm/°C
•B = ±50ppm/°C
Ratio Tolerance (Optional)
•A = ±0.05% to R1 •D = ±0.5% to R1
•B = ±0.1% to R1
Consult factory for other available options.
Features
s
Low profile provides compatibility with
DIPs
s
Also available in medium profile (4300S -
.250”) and high profile (4300K - .350”)
s
Marking on contrasting background
s
Custom circuits available per factory
Package Power Temp. Derating Curve
(Low Profile, 4300T)
Product Dimensions
314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com