Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616X-R2R-503 Datasheet(PDF) 37 Page - Bourns Electronic Solutions

Part # 4616X-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616X-R2R-503 Datasheet(HTML) 37 Page - Bourns Electronic Solutions

Back Button 4616X-R2R-503 Datasheet HTML 33Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 34Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 35Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 36Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 37Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 38Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 39Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 40Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 41Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
4100T - Thin Film Molded DIP
Product Characteristics
Resistance Range ........50 to 100K ohms
Resistance Tolerance
.............................±0.1%, ±0.5%, ±1%
Temperature Coefficient
....................±100ppm/°C, ±50ppm/°C,
±25ppm/°C
Temperature Range
...................................-55°C to +125°C
Insulation Resistance
..................10,000 megohms minimum
TCR Tracking ..........................±5ppm/°C
Maximum Operating Voltage.............50V
Environmental Characteristics
TESTS PER MIL-STD-202........
∆R MAX.
Thermal Shock ............................... 0.1%
Low Temperature Operation ........ 0.25%
Short Time Overload ...................... 0.1%
Resistance to Soldering Heat ........ 0.1%
Moisture Resistance ...................... 0.1%
Mechanical Shock........................ 0.25%
Life ................................................. 0.5%
High Temperature Storage ............. 0.2%
Low Temperature Storage.............. 0.1%
Physical Characteristics
Lead Frame Material
..........................Copper, solder coated
Body Material Flammability
...........................Conforms to UL94V-0
Body Material ..................Novolac Epoxy
AMBIENT TEMPERATURE ( C )
°
2.75
2.50
2.25
2.00
1.75
1.50
1.25
PACKAGE POWER TEMPERATURE
DERATING CURVE (4100T-1)
0
70
150
25
125
4118T
4120T
4114T
4116T
4108T
3.00
1.00
Package Power Ratings at 70°C
4108T ......................................1.09 watts
4114T ......................................2.00 watts
4116T ......................................2.25 watts
4118T ......................................2.50 watts
4120T ......................................2.80 watts
PIN #1 REF.
.635
(.025)
MAX.
27.05
(1.065)
MAX.
24.51
(.965)
MAX.
21.97
(.865)
MAX.
19.43
(.765)
MAX.
11.81
(.465)
4.57 + .12/ - .28
(.180 + .005/ - .011)
MAX.
8.40
(.331)
3.43 + .38/ - .25
(.135 + .015/ - .010)
2.03
± .12
(.080
± .005)
TYP.
.89
± .25
(.035
± .010)
2.54
± .25
(.100
± .010*)
TYP.
NON-ACCUM.
1.65 + .12/ - .07
(.065 + .005/ - .003)
.438
± .050
(.019
± .002)
TYP.
7.87
± .25
(.310
± .010)
TO OUTSIDE
WHEN PINS
ARE PARALLEL
6.71
± .10
(.264
± .004)
.254
± .050
(.010
± .002)
8.64
± .50
(.340
± .020)
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
PIN ONE
INDICATOR
CIRCUIT
PART
NUMBER
MANUFACTURER'S
TRADEMARK
RESISTANCE
CODE (4 DIGIT)
DATE CODE
ABSOLUTE
TOLERANCE CODE
TC CODE
4116T-2-
-2203BC
YYWW
Typical Part Marking
Represents total content. Layout may vary.
How To Order
41 16 T - 2 - 2222 F A B
Model
(41 = Molded Dip)
Number of Pins
Physical Config.
•T = Thin Film
Electrical Configuration
•2 = Bussed
•1 = Isolated
Resistance Code
•First 3 digits are significant
•Fourth digit represents the
number of zeros to follow.
Absolute Tolerance Code
•B = ±0.1%
•F = ±1%
•D = ±0.5%
Temperature Coefficient Code
•A = ±100ppm/°C
•C = ±25ppm/°C
•B = ±50ppm/°C
Ratio Tolerance (Optional)
•A = ±0.05% to R1 •B = ±0.1% to R1
•D = ±0.5% to R1
Consult factory for other available options.
Features
s
Custom circuits available per factory
Isolated Resistors (1 Circuit)
Available in 8, 14, 16, 18, and 20 Pin
Bussed Resistors (2 Circuit)
Available in 8, 14, 16, 18, and 20 Pin
These models incorporate 4, 7, 8, 9, or
10 thin-film resistors of equal value,
each connected between a separate pin.
Power Rating per Resistor..........0.2 watt
Resistance Range .......50 to 100K ohms
These models incorporate 7, 13, 15, 17,
or 19 thin-film resistors of equal value,
each connected by a common pin.
Power Rating per Resistor........0.12 watt
Resistance Range .........50 to 50K ohms
1
ISOLATED RESISTORS
001 CIRCUIT
7
14
8
BUSSED RESISTORS
002 CIRCUIT
14
8
1
7
Specifications are subject to change without notice.
313
Product Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com