Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616X-R2R-503 Datasheet(PDF) 31 Page - Bourns Electronic Solutions

Part # 4616X-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616X-R2R-503 Datasheet(HTML) 31 Page - Bourns Electronic Solutions

Back Button 4616X-R2R-503 Datasheet HTML 27Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 28Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 29Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 30Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 31Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 32Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 33Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 34Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 35Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
700 Series - RC Terminator Networks
Specifications are subject to change without notice.
307
FOR ADDITIONAL INFORMATION, SEE APPLICATION NOTE ON PAGES 322 AND 323.
Electrical Characteristics - Resistors
Standard Resistance Range .........................................................22 ohms to 500K ohms
Resistance Tolerance ±5% ............................................................50 ohms to 1 megohm
Operating Voltage .................................................................................50 volts maximum
Electrical Characteristics - Capacitors
Capacitance Range ............................................................................39 pF to 47,000 pF
Capacitance Range ...................................................................470 pF to 47,000 pF X7R
Capacitance Range............................................................................39pF to 470pF NPO
Capacitance Tolerance .............................................................................................±20%
Operating Temperature..............................................................................-30°C to +85°C
Voltage Rating........................................................................................................50 volts
Physical Characteristics
Flammability ..................................................................................Conforms to UL 94 V-0
Lead Frame Material.......................................................................Copper, solder coated
Body Material ............................................................................................Conformal coat
PART NUMBER
4608H-701
RC/CC
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
1
8
702
1
9
1
10
701
NO. OF LINES
BOURNS P/N
PACKAGE
7
4608H-701-RC/CC
High Profile
8
4609H-701-RC/CC
Conformal
9
4610H-701-RC/CC
SIP
NO. OF LINES
BOURNS P/N
PACKAGE
8
4610H-702-RC/CC
High Profile
Conformal SIP
A
MAXIMUM
PIN #1
REF.
Governing dimensions are metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
8.89
(.350)
MAX.
3.43 + .38/ - .25
(.135 + .015/ - .010)
1.24
(.049)
MAX.
BOTH ENDS
.508
± .050
(.020
± .002)
TYP.
2.54
± .07
(.100
± .003* )
TYP.
NON-ACCUM.
3.81
(.150)
MAX.
.254
± .050
(.010
± .002)
TYP.
Pin
A Maximum
Count
mm (Inches)
4
10.11 (.398)
5
12.65 (.498)
6
15.19 (.598)
7
17.73 (.698)
8
20.27 (.798)
9
22.81 (.898)
10
25.35 (.998)
11
27.89 (1.098)
12
30.43 (1.198)
13
32.97 (1.298)
14
35.51 (1.398)
15
38.04 (1.498)
16
40.59 (1.598)
Typical Part Marking
Product Dimensions
Features
s
Low noise termination for CMOS
s
Combined resistors and capacitors in SIP
package saves space
s
Reduced insertion time
s
Insulation resistance testing for reliability
s
Pin counts from 4 to 16 available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com