Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616X-R2R-503 Datasheet(PDF) 43 Page - Bourns Electronic Solutions

Part # 4616X-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616X-R2R-503 Datasheet(HTML) 43 Page - Bourns Electronic Solutions

Back Button 4616X-R2R-503 Datasheet HTML 39Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 40Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 41Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 42Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 43Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 44Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 45Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 46Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 47Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
4800T - Thin Film Medium Body Gull Wing
Specifications are subject to change without notice.
319
Isolated Resistors (1 Circuit)
Available in 14, 16, 18, and 20 Pin
Bussed Resistors (2 Circuit)
Available in 14, 16, 18, and 20 Pin
These models incorporate 7, 8, 9, or 10
thin-film resistors of equal value, each
connected between a separate pin.
Power Rating per Resistor........0.10 watt
Resistance Range .......10 to 100K ohms
These models incorporate 13, 15, 17 or
19 thin-film resistors of equal value,
each connected by a common pin.
Power Rating per Resistor........0.08 watt
Resistance Range .........10 to 50K ohms
1
ISOLATED RESISTORS
001 CIRCUIT
7
14
8
BUSSED RESISTORS
002 CIRCUIT
14
8
1
7
Product Characteristics
Resistance Range ........10 to 100K ohms
Resistance Tolerance
............................±0.1%, ±0.5%, ±1%
Temperature Coefficient
....................±100ppm/°C, ±50ppm/°C,
±25ppm/°C
TCR Tracking ..........................±5ppm/°C
Temperature Range
...................................-55°C to +125°C
Maximum Operating Voltage.............50V
Environmental Characteristics
TESTS PER MIL-STD-202 .........
∆R MAX
Thermal Shock ................................0.1%
Short Time Overload .......................0.1%
Resistance to Soldering Heat .........0.1%
Moisture Resistance .......................0.1%
Life ................................................ 0.5%
Physical Characteristics
Lead Frame Material
..........................Copper, solder coated
Body Material Flammability
...........................Conforms to UL94V-0
Body Material ..................Novolac Epoxy
AMBIENT TEMPERATURE ( C )
°
1.75
1.50
1.25
1.00
.75
.50
.25
4820T
0
70
150
25
125
4818T
4816T
4814T
Package Power Ratings at 70°C
4814T ......................................1.12 watts
4816T ......................................1.28 watts
4818T ......................................1.44 watts
4820T ......................................1.60 watts
5.59
± .12
(.220
± .005)
7.62
± .25
(.300
± .010)
.432
± .076
(.017
± .003)
9.91
± .12
(.390
± .005)
12.45
± .12
(.490
± .005)
11.18
± .12
(.440
± .005)
13.72
± .12
(.540
± .005)
.13 + .12/ - .00
(.005 + .005/ - .000)
2.03
± .12
(.080
± .005)
.611
± .101
(.024
± .004)
R = .008" TYP.
8
° MAX.
Governing dimensions are metric. Dimensions in parentheses
are inches and are approximate.
TYP.
1.27
± .050
(.050
± .005*)
TYP.
.305 + .000/ - .101
(.012 + .000/ - .004)
PIN ONE
INDICATOR
CIRCUIT
PART
NUMBER
MANUFACTURER'S
TRADEMARK
RESISTANCE
CODE (4 DIGIT)
DATE CODE
•
-2203BC
4816T-2
YYWW
ABSOLUTE
TOLERANCE CODE
TC CODE
Typical Part Marking
Represents total content. Layout may vary.
How To Order
48 16 T - 2 - 2222 F A B
Model
(48 = SOM Medium
Body Gull
Wing)
Number of Pins
Physical Config.
•T = Thin Film
Electrical Configuration
•2 = Bussed
•1 = Isolated
Resistance Code
•First 3 digits are significant
•Fourth digit represents the
number of zeros to follow.
Absolute Tolerance Code
•B = ±0.1%
•F = ±1%
•D = ±0.5%
Temperature Coefficient Code
•A = ±100ppm/°C
•C = ±25ppm/°C
•B = ±50ppm/°C
Ratio Tolerance (Optional)
•A = ±0.05% to R1 •D = ±0.5% to R1
•B = ±0.1% to R1
Consult factory for other available options.
Package Power Temp. Derating Curve
Product Dimensions
Features
s
Increased lead density
s
Custom circuits available per factory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com