Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616X-R2R-503 Datasheet(PDF) 59 Page - Bourns Electronic Solutions

Part # 4616X-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616X-R2R-503 Datasheet(HTML) 59 Page - Bourns Electronic Solutions

Back Button 4616X-R2R-503 Datasheet HTML 54Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 55Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 56Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 57Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 58Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 59Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 60Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 61Page - Bourns Electronic Solutions 4616X-R2R-503 Datasheet HTML 62Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
Specifications are subject to change without notice.
335
Voltage Divider
Voltage dividers are used to step down voltages for analog
processing. Applications are found in multi-meters, oscillo-
scopes, oscillator stage of voltage control oscillators, etc. The
application needs precise resistors to ensure that errors are not
added during the conversion process.
THICK FILM VS. THIN FILM
STANDARD VS. PRECISION
9K
90K
900K
9M
1K
VIN
VIN
VOUT
10
=
1
VIN
VOUT
100
=
2
VIN
VOUT
1000
=
3
VIN
VOUT
10,000
=
4
Data Conversion
Data converters are used to convert digital data to analog sig-
nals or vice versa. The precision of the high bit affects the over-
all precision of the data convertor. Thus, thick film resistors are
used in the lower bits while the thin film or bulk foil resistors are
used in the high order bits.
R
2R
2
R
N 1
EREF
E OUT
EREF
R
R F
PARALLEL CODE
INPUT DATA WORD
Parallel bit conductance switching D/A converter.
Thick Film
Thin Film
Parameter
Circuits
Circuits
Resistance
3
Ω to 20MΩ
10
Ω to 100KΩ
Resistance Tolerance
.5%, 1%, 2%, 5% .1%, .2%, .5%
TCR
±100ppm/°C
±25ppm/°C
TCR Tracking
100ppm/°C
5ppm/°C
Operating Temperature
-55°C to +125°C -55°C to +125°C
Max. Operating Voltage
100 volts
50 volts
Resistor Power
.125W to .5W
.1W to .2W
Thin Film Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com