Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0 Datasheet(PDF) 52 Page - STMicroelectronics

Part # LSM6DB0
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LSM6DB0 Datasheet HTML 48Page - STMicroelectronics LSM6DB0 Datasheet HTML 49Page - STMicroelectronics LSM6DB0 Datasheet HTML 50Page - STMicroelectronics LSM6DB0 Datasheet HTML 51Page - STMicroelectronics LSM6DB0 Datasheet HTML 52Page - STMicroelectronics LSM6DB0 Datasheet HTML 53Page - STMicroelectronics LSM6DB0 Datasheet HTML 54Page - STMicroelectronics LSM6DB0 Datasheet HTML 55Page - STMicroelectronics LSM6DB0 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
Register description
LSM6DB0
52/66
DocID025603 Rev 1
11.26
CTRL_REG5_XL (1Fh)
Linear acceleration sensor control register 5.
11.27
CTRL_REG6_XL (20h)
Linear acceleration sensor control register 6.
Table 67. CTRL_REG6_XL register
Table 64. CTRL_REG4 register description
Zen_G
Gyroscope’s yaw axis (Z) output enable. Default value: 1
(0: Z-axis output disabled; 1: Z-axis output enabled)
Yen_G
Gyroscope’s roll axis (Y) output enable. Default value: 1
(0: Y-axis output disabled; 1: Y axis output enabled)
Xen_G
Gyroscope’s pitch axis (X) output enable. Default value: 1
(0: X-axis output disabled; 1: X-axis output enabled)
LIR_XL1
Latched interrupt. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
4D_XL1
4D option enabled on interrupt. Default value: 0
(0: interrupt generator uses 6D for position recognition; 1: interrupt generator uses
4D for position recognition)
Table 65. CTRL_REG5_XL register
DEC_1
DEC_0
Zen_XL
Yen_XL
Xen_XL
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device
0(1)
0(1)
Table 66. CTRL_REG5_XL register description
DEC_ [0:1]
Decimation of acceleration data on OUT REG and FIFO. Default value: 00
(00: no decimation;
01: update every 2 samples;
10: update every 4 samples;
11: update every 8 samples)
Zen_XL
Accelerometer’s Z-axis output enable. Default value: 1
(0: Z-axis output disabled; 1: Z-axis output enabled)
Yen_XL
Accelerometer’s Y-axis output enable. Default value: 1
(0: Y-axis output disabled; 1: Y-axis output enabled)
Xen_XL
Accelerometer’s X axis output enable. Default value: 1
(0: X-axis output disabled; 1: X-axis output enabled)
ODR_XL2 ODR_XL1 ODR_XL0
FS1_XL
FS0_XL
BW_SCAL
_ODR
BW_XL1
BW_XL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com