Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0 Datasheet(PDF) 18 Page - STMicroelectronics

Part # LSM6DB0
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LSM6DB0 Datasheet HTML 14Page - STMicroelectronics LSM6DB0 Datasheet HTML 15Page - STMicroelectronics LSM6DB0 Datasheet HTML 16Page - STMicroelectronics LSM6DB0 Datasheet HTML 17Page - STMicroelectronics LSM6DB0 Datasheet HTML 18Page - STMicroelectronics LSM6DB0 Datasheet HTML 19Page - STMicroelectronics LSM6DB0 Datasheet HTML 20Page - STMicroelectronics LSM6DB0 Datasheet HTML 21Page - STMicroelectronics LSM6DB0 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
Mechanical characteristics
LSM6DB0
18/66
DocID025603 Rev 1
3.4
Temperature sensor characteristics
@ Vdd = 3V, T = 25 °C unless otherwise noted (b)
VIH(1)
Logic high-level input voltage
0.65 VDD
V
VIL(1)
Logic low-level input voltage
0.35 VDD
TA
Operating ambient
temperature range
-40
85
°C
1. Guaranteed by design
b. The product is factory calibrated at 3.0 V.
Table 6. Temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
TODR
Temperature refresh rate
Gyro OFF(2)
50
Hz
Gyro ON
59.5
TSen
Temperature sensitivity(3)
16
LSB/°C
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. When the accelerometer ODR is set to 10 Hz and the gyroscope block is turned off, the TODR value is 10 Hz.
3. The output of the temperature sensor is 0 (typ.) at 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com