Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0 Datasheet(PDF) 22 Page - STMicroelectronics

Part # LSM6DB0
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LSM6DB0 Datasheet HTML 18Page - STMicroelectronics LSM6DB0 Datasheet HTML 19Page - STMicroelectronics LSM6DB0 Datasheet HTML 20Page - STMicroelectronics LSM6DB0 Datasheet HTML 21Page - STMicroelectronics LSM6DB0 Datasheet HTML 22Page - STMicroelectronics LSM6DB0 Datasheet HTML 23Page - STMicroelectronics LSM6DB0 Datasheet HTML 24Page - STMicroelectronics LSM6DB0 Datasheet HTML 25Page - STMicroelectronics LSM6DB0 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
Device operating modes
LSM6DB0
22/66
DocID025603 Rev 1
Table 8. Gyroscope operating mode
ODR_G [2:0]
ODR [Hz]
Power mode(1)
1. Gyroscope low-power mode is available for G_FS = ±2000 dps.
000
Power-down
Power-down
001
14.9
Low-power
010
59.5
Low-power
011
119
Low-power
100
238
Normal mode
101
476
Normal mode
110
952
Normal mode
Table 9. Operating mode current consumption
ODR [Hz]
Power mode
Current consumption(1)
[mA]
1. Gyroscope and accelerometer current consumption typical values based on characterization data.
14.9
Low-power
1.8
59.5
Low-power
2.3
119
Low-power
2.9
238
Normal mode
4.3
476
Normal mode
4.3
952
Normal mode
4.3
Table 10. Gyroscope turn-on time
ODR [Hz]
LPF1 only(1)
1. The table contains the number of samples to be discarded after switching between low-power mode and
normal mode.
LPF1 and LPF2(1)
14.9
2
LPF2 not available
59.5 or 119
3
13
238
4
14
476
5
15
952
8
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com