Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0 Datasheet(PDF) 41 Page - STMicroelectronics

Part # LSM6DB0
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LSM6DB0 Datasheet HTML 37Page - STMicroelectronics LSM6DB0 Datasheet HTML 38Page - STMicroelectronics LSM6DB0 Datasheet HTML 39Page - STMicroelectronics LSM6DB0 Datasheet HTML 40Page - STMicroelectronics LSM6DB0 Datasheet HTML 41Page - STMicroelectronics LSM6DB0 Datasheet HTML 42Page - STMicroelectronics LSM6DB0 Datasheet HTML 43Page - STMicroelectronics LSM6DB0 Datasheet HTML 44Page - STMicroelectronics LSM6DB0 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
DocID025603 Rev 1
41/66
LSM6DB0
Register description
66
11.2
INT_GEN_THS2_XL (02h)
Linear acceleration sensor interrupt 2 threshold register (r/w).
Table 21. INT_GEN_THS2_XL register description
11.3
INT_GEN_DUR2_XL (03h)
Linear acceleration sensor interrupt 2 duration register (r/w).
Table 23. INT_GEN_DUR2_XL register description
11.4
ACT_THS (04h)
Activity threshold register.
Table 25. ACT_THS register description
11.5
ACT_DUR (05h)
Inactivity duration register.
Table 27. ACT_DUR register description
Table 20. INT_GEN_THS2_XL register
THS2_XL7
THS2_XL6
THS2_XL5
THS2_XL4
THS2_XL3
THS2_XL2
THS2_XL1
THS2_XL0
THS2_XL [7:0]
Interrupt 2 thresholds. Default value: 0000 0000
Table 22. INT_GEN_DUR2_XL register
WAIT2_XL
DUR2_XL6
DUR2_XL5
DUR2_XL4
DUR2_XL3
DUR2_XL2
DUR2_XL1
DUR2_XL0
WAIT2_XL
Wait function enable on duration counter. Default value: 0.
(0: wait function off; 1: wait for DUR2_XL [6:0] samples before exiting interrupt 2)
DUR2_XL [6:0]
Enter/exit interrupt 2 duration value. Default value: 000 0000
Table 24. ACT_THS register
SLEEP_ON_I
NACT_EN
ACT_THS6
ACT_THS5
ACT_THS4
ACT_THS3
ACT_THS2 ACT_THS1 ACT_THS0
SLEEP_ON_
INACT_EN
Gyroscope operating mode during inactivity. Default value: 0
(0: Gyroscope in power-down; 1: Gyroscope in sleep mode)
ACT_THS [6:0]
Inactivity threshold. Default value: 000 0000.
Table 26. ACT_DUR register
ACT_DUR7
ACT_DUR6
ACT_DUR5
ACT_DUR4
ACT_DUR3
ACT_DUR2
ACT_DUR1
ACT_DUR0
ACT_DUR [7:0]
Inactivity duration. Default value: 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com