Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0 Datasheet(PDF) 33 Page - STMicroelectronics

Part # LSM6DB0
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LSM6DB0 Datasheet HTML 29Page - STMicroelectronics LSM6DB0 Datasheet HTML 30Page - STMicroelectronics LSM6DB0 Datasheet HTML 31Page - STMicroelectronics LSM6DB0 Datasheet HTML 32Page - STMicroelectronics LSM6DB0 Datasheet HTML 33Page - STMicroelectronics LSM6DB0 Datasheet HTML 34Page - STMicroelectronics LSM6DB0 Datasheet HTML 35Page - STMicroelectronics LSM6DB0 Datasheet HTML 36Page - STMicroelectronics LSM6DB0 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
DocID025603 Rev 1
33/66
LSM6DB0
Microprocessor functionality
66
8.6
General-purpose inputs/outputs (GPIOs)
The LSM6DB0 contains up to 11 GPIO pins each of which can be configured by software as
output, as input (either pull-up or pull-down), or as an alternate function in serial mode 0 or
serial mode1 (see Table 13). Each of the GPIOs can also be used as an external interrupt
source.
8.7
Memories
The LSM6DB0 has the following memory features:
– Flash memory with 0 wait states at 26.66 MHz and 2 wait states at 80 MHz
– SRAM with ECC for data and program access (read/write) referred to as RAM bank0
– SRAM for data and program access (read/write) referred to as RAM bank1
– Memory protection: the Flash and RAM memory banks cannot be read from or written
to by the JTAG link if the debug features are connected.
Table 13. Alternate function input/output
Pin
name
Serial mode 0
Serial mode 1
GPIO mode
Direction
Function
Direction
Function
Direction
Function
IO0
Input/Output
JTAG TMS / SW_TDIO
Input
UART CTS
Input/Output
GPIO
IO1
Input
JTAG TCK / SW_TCK
Output
UART RTS
IO2
Input/Output
I2C2_SCL
UART TXD
IO3
I2C2_SDA
Input
UART RXD
IO4
Output
JTAG TDO
None
IO5
Input
JTAG TDI
Clock input
IO6
Output
16 MHz clock
Output
32 kHz clock
IO7
Input/Output
I2C1_SCL
Input/Output
SPI SCLK
IO8
I2C1_SDA
Output
SPI output
IO9
Input
IRQ input
Input
SPI CS
IO10
SPI input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com