Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LSM6DB0
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LSM6DB0 Datasheet HTML 13Page - STMicroelectronics LSM6DB0 Datasheet HTML 14Page - STMicroelectronics LSM6DB0 Datasheet HTML 15Page - STMicroelectronics LSM6DB0 Datasheet HTML 16Page - STMicroelectronics LSM6DB0 Datasheet HTML 17Page - STMicroelectronics LSM6DB0 Datasheet HTML 18Page - STMicroelectronics LSM6DB0 Datasheet HTML 19Page - STMicroelectronics LSM6DB0 Datasheet HTML 20Page - STMicroelectronics LSM6DB0 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
DocID025603 Rev 1
17/66
LSM6DB0
Mechanical characteristics
66
3.3
Microprocessor electrical characteristics
Characteristics measured in Table 5 are for recommended operating conditions unless
otherwise specified. Typical values are in reference to TA = 25 C, VDD =1.8 V.
Table 5. DC and AC parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDD
Operating supply voltage
master serial port (DIO6 to
DIO10)
1.71
3.6
V
VDD1.8
Operating supply voltage
(DIO0 to DIO5)
1.75
1.8
1.95
V
Power consumption (Dhrystone without compiler options)
Isupply
Supply current
Reset
50
nA
Active (CPU, Flash, and RAM)
20
mA
From RAM
80 MHz (0.79 DMIPS/MHz)
40 MHz (0.79 DMIPS/MHz)
20 MHz (0.79 DMIPS/MHz)
16 MHz (0.79 DMIPS/MHz)
10 MHz (0.79 DMIPS/MHz)
10.3
5.95
3.85
3.48
2.9
From Flash
80 MHz (0.3 DMIPS/MHz)
40 MHz (0.43 DMIPS/MHz)
20 MHz (0.56 DMIPS/MHz)
16 MHz (0.79 DMIPS/MHz)
10 MHz (0.79 DMIPS/MHz)
7.5
5.5
4.74
4.34
3.7
Digital input and output (1.8 V supply)
CIN(1)
Port I/O capacitance
1.3
1.4
1.7
pF
RPD(1)
Pull-down value
117
211
334
kW
TRISE(1)
Rise time
0.1*VDD to 0.9*VDD, CL = 50 pF
10.3
19
ns
TFALL(1)
Fall time
0.9*VDD to 0.1*VDD, CL = 50 pF
11
22
VIH(1)
Logic high-level input voltage
0.65 VDD
V
VIL(1)
Logic low-level input voltage
0.35 VDD
Digital input and output (3.3 V supply)
CIN(1)
Port I/O capacitance
1.3
1.4
1.7
pF
RPD(1)
Pull-down value
53
84
144
kW
RPU(1)
Pull-up value
57
81
122
TRISE(1)
Rise time
0.1*VDD to 0.9*VDD, CL = 50 pF
1.4
12
ns
TFALL(1)
Fall time
0.9*VDD to 0.1*VDD, CL = 50 pF
1.5
12.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com