Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LSM6DB0
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LSM6DB0 Datasheet HTML 11Page - STMicroelectronics LSM6DB0 Datasheet HTML 12Page - STMicroelectronics LSM6DB0 Datasheet HTML 13Page - STMicroelectronics LSM6DB0 Datasheet HTML 14Page - STMicroelectronics LSM6DB0 Datasheet HTML 15Page - STMicroelectronics LSM6DB0 Datasheet HTML 16Page - STMicroelectronics LSM6DB0 Datasheet HTML 17Page - STMicroelectronics LSM6DB0 Datasheet HTML 18Page - STMicroelectronics LSM6DB0 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
DocID025603 Rev 1
15/66
LSM6DB0
Mechanical characteristics
66
3
Mechanical characteristics
3.1
Accelerometer and gyroscope mechanical characteristics
T = 25 °C unless otherwise noted (a)
a. The operational power supply range is from 1.71 V to 3.6 V.
Table 3. Mechanical characteristics
Symbol
Parameter
Test
conditions
Min.
Typ.(1)
Max.
Unit
LA_FS
Linear acceleration measurement range
±2
g
±4
±8
G_FS
Angular rate measurement range
±245
dps
±500
±2000
LA_So
Linear acceleration sensitivity
FS = ±2 g
0.061
mg/LSb
FS = ±4 g
0.122
FS = ±8 g
0.244
G_So
Angular rate sensitivity
FS = ±245 dps
8.75
mdps/LSb
FS = ±500 dps
17.50
FS = ±2000 dps
70
LA_TyOff
Linear acceleration typical zero-g level
offset accuracy(2)
FS = ±8 g
±90
mg
G_TyOff
Angular rate typical zero-rate level(3)
FS = ±2000 dps
±30
dps
LA_ODR
Linear acceleration output data rate
Gyro ON
952
476
238
119
59.5
14.9
Hz
Gyro OFF
952
476
238
119
50
10
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com