Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0 Datasheet(PDF) 23 Page - STMicroelectronics

Part # LSM6DB0
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LSM6DB0 Datasheet HTML 19Page - STMicroelectronics LSM6DB0 Datasheet HTML 20Page - STMicroelectronics LSM6DB0 Datasheet HTML 21Page - STMicroelectronics LSM6DB0 Datasheet HTML 22Page - STMicroelectronics LSM6DB0 Datasheet HTML 23Page - STMicroelectronics LSM6DB0 Datasheet HTML 24Page - STMicroelectronics LSM6DB0 Datasheet HTML 25Page - STMicroelectronics LSM6DB0 Datasheet HTML 26Page - STMicroelectronics LSM6DB0 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
DocID025603 Rev 1
23/66
LSM6DB0
Device operating modes
66
6.3
Microprocessor operating modes
Several microprocessor operating modes are defined for the LSM6DB0:
Reset mode
Two low-power modes: low-power wait-for-interrupt (WFI) mode and high-power wait-
for-interrupt (WFI) mode
Active mode
In reset mode the LSM6DB0 is in ultra-low-power consumption: no voltage regulators, nor
clocks are powered. The LSM6DB0 enters reset mode by asserting the external reset
signal.
While in low-power WFI mode, the LSM6DB0 CPU is stopped and the high-frequency
80 MHz RC oscillator is powered down. All peripherals, apart from one timer, are disabled.
The power consumption is about 800 μA with a 1 kHz clock.
In high-power WFI mode, the CPU is stopped and the high-frequency 80 MHz RC oscillator
is powered up. This mode allows a faster response time for an interrupt to wake up the
CPU. All peripherals are enabled and can wake up the CPU with an interrupt. The power
consumption in this mode is around 2 mA with an 80 MHz clock.
In active mode the LSM6DB0 is fully operational: all interfaces, including SPI, I2C, JTAG
and UART, are active as well as all internal power supplies together with the high-speed
frequency oscillator. The MCU core is also running.
Table 11. Accelerometer turn-on time
ODR [Hz]
BW = 400 Hz(1)
1. The table contains the number of samples to be discarded after switching between power-down mode
and normal mode.
BW = 200 Hz(1)
BW = 100 Hz(1)
BW = 50 Hz(1)
14.9
0
0
0
0
59.5
0
0
0
0
119
1
1
1
2
238
1
1
2
4
476
1
2
4
7
952
2
4
7
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com