Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0 Datasheet(PDF) 43 Page - STMicroelectronics

Part # LSM6DB0
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LSM6DB0 Datasheet HTML 39Page - STMicroelectronics LSM6DB0 Datasheet HTML 40Page - STMicroelectronics LSM6DB0 Datasheet HTML 41Page - STMicroelectronics LSM6DB0 Datasheet HTML 42Page - STMicroelectronics LSM6DB0 Datasheet HTML 43Page - STMicroelectronics LSM6DB0 Datasheet HTML 44Page - STMicroelectronics LSM6DB0 Datasheet HTML 45Page - STMicroelectronics LSM6DB0 Datasheet HTML 46Page - STMicroelectronics LSM6DB0 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
DocID025603 Rev 1
43/66
LSM6DB0
Register description
66
11.8
INT_GEN_THS1_Y_XL (08h)
Linear acceleration sensor interrupt 1 threshold register.
Table 33. INT_GEN_THS1_Y_XL register description
11.9
INT_GEN_THS1_Z_XL (09h)
Linear acceleration sensor interrupt 1 threshold register.
Table 35. INT_GEN_THS_Z_XL register description
11.10
INT_GEN_DUR1_XL (0Ah)
Linear acceleration sensor interrupt 1 duration register.
Table 36. INT_GEN_DUR1_XL register
Table 37. INT_GEN_DUR1_XL register description
11.11
REFERENCE_G (0Bh)
Angular rate sensor reference value register for digital high-pass filter (r/w)
Table 38. REFERENCE_G register
Table 39. REFERENCE_G register description
Table 32. INT_GEN_THS1_Y_XL register
THS1_XL_Y
7
THS1_XL_Y
6
THS1_XL_Y
5
THS1_XL_Y
4
THS1_XL_Y
3
THS1_XL_Y
2
THS1_XL_Y
1
THS1_XL_Y
0
THS1_XL_Y [7:0]
Y-axis interrupt threshold. Default value: 0000 0000
Table 34. INT_GEN_THS1_Z_XL register
THS1_XL_Z
7
THS1_XL_Z
6
THS1_XL_Z
5
THS1_XL_Z
4
THS1_XL_Z
3
THS1_XL_Z
2
THS1_XL_Z
1
THS1_XL_Z
0
THS1_XL_Z [7:0]
Z-axis interrupt threshold. Default value: 0000 0000
WAIT_XL
DUR1_XL6
DUR1_XL5
DUR1_XL4
DUR1_XL3
DUR1_XL2
DUR1_XL1
DUR1_XL0
WAIT_XL
Wait function enabled on duration counter. Default value: 0
(0: wait function off; 1: wait for DUR_XL [6:0] samples before exiting interrupt)
DUR1_XL [6:0]
Enter/exit interrupt duration value. Default value: 000 0000
REF7_G
REF6_G
REF5_G
REF4_G
REF3_G
REF2_G
REF1_G
REF0_G
REF_G [7:0]
Reference value for gyroscope’s digital high-pass filter (r/w).
Default value: 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com