Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0 Datasheet(PDF) 31 Page - STMicroelectronics

Part # LSM6DB0
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LSM6DB0 Datasheet HTML 27Page - STMicroelectronics LSM6DB0 Datasheet HTML 28Page - STMicroelectronics LSM6DB0 Datasheet HTML 29Page - STMicroelectronics LSM6DB0 Datasheet HTML 30Page - STMicroelectronics LSM6DB0 Datasheet HTML 31Page - STMicroelectronics LSM6DB0 Datasheet HTML 32Page - STMicroelectronics LSM6DB0 Datasheet HTML 33Page - STMicroelectronics LSM6DB0 Datasheet HTML 34Page - STMicroelectronics LSM6DB0 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
DocID025603 Rev 1
31/66
LSM6DB0
Microprocessor functionality
66
8.3
Reset management
The device has an integrated brownout reset (BOR) circuit and an integrated power-on
reset (POR).
In the LSM6DB0, the BOR threshold is 1.5 V. When VDD is below this threshold, the device
is in reset. The BOR is always active in the LSM6DB0 at power-on.
The POR circuit is activated when the LDO has stabilized. The startup time of the LSM6DB0
at power-on is typically 1 ms with the BOR active.
8.4
Boot mode
At startup, the LSM6DB0 boots from a reserved section of the Flash memory programmed
by ST during production. It is used to adjust accurately the oscillator frequencies and
contains manufacturing information. Any interference with this initialization sequence can
degrade the performance of the device. At the end of this sequence, the system boots from
the main Flash which contains the user’s program.
8.5
Clock management
Figure 15. Clock tree
1. Same clock supply for both I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com