Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 35 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 31Page - Analog Devices ADE7913 Datasheet HTML 32Page - Analog Devices ADE7913 Datasheet HTML 33Page - Analog Devices ADE7913 Datasheet HTML 34Page - Analog Devices ADE7913 Datasheet HTML 35Page - Analog Devices ADE7913 Datasheet HTML 36Page - Analog Devices ADE7913 Datasheet HTML 37Page - Analog Devices ADE7913 Datasheet HTML 38Page - Analog Devices ADE7913 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Data Sheet
ADE7912/ADE7913
Rev. 0 | Page 35 of 44
Figure 53. Power-Up Procedure for Systems with Multiple ADE7912/ADE7913 Devices; Only Phase A ADE7912/ADE7913 Are Clocked from a Crystal
Figure 54. Power-Up Procedure for Systems with Multiple ADE7912/ADE7913 Devices Clocked from a Microcontroller
ALL ADE7912/ADE7913s
POWERED UP
ADE7912A/
ADE7913A POR
TIMER TURNED ON
ADE7912A/
ADE7913A
START
FUNCTIONING
ADE7912A/
ADE7913A BIT
STATUS0[0]
(RESET_ON)
CLEARED TO 0
ADE7912B/ADE7913B,
ADE7912C/ADE7913C,
ADE7912N/ADE7913N
DC-TO-DC
CONVERTERS POWERED UP
AND
Σ-Δ MODULATORS
FUNCTIONAL
MICROPROCESSOR
SETS ADE7912A/
ADE7913A BIT
CONFIG[0] TO 1.
ADE7912A/ADE7913A
GENERATE CLKOUT
ADE7912A/ADE7913A
DC-TO-DC CONVERTER POWERED
UP AND ITS
Σ-Δ MODULATORS
FUNCTIONAL
ADE7912B/ADE7913B,
ADE7912C/ADE7913C,
ADE7912N/ADE7913N BIT STATUS0[0]
(RESET_ON) CLEARED TO 0
3.3V – 10%
≈2.6V
0V
ADE7912B/ADE7913B, ADE7912C/ADE7913C,
ADE7912N/ADE7913N,
NONISOLATED
SIDE READY
ADE7912B/ADE7913B,
ADE7912C/ADE7913C,
ADE7912N/ADE7913N,
ISOLATED
SIDE READY
23ms
100ms
100ms
20ms
20ms
ALL ADE7912/ADE7913s
POWERED UP
ADE7912/ADE7913s POR
TIMERS TURNED ON
MICROPROCESSOR
GENERATES CLOCK
TO ADE7912/ADE7913s
ADE7912/ADE7913s BIT
STATUS0[0]
(RESET_ON)
CLEARED TO 0
ADE7912/ADE7913s
DC-TO-DC
CONVERTERS
POWERED UP AND
Σ-Δ MODULATORS
FUNCTIONAL
3.3V – 10%
≈2.6V
0V
ALL
ADE7912/
ADE7913s
NONISOLATED
SIDE READY
ALL
ADE7912/
ADE7913s
ISOLATED
SIDE READY
20ms
100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com