Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 33 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 29Page - Analog Devices ADE7913 Datasheet HTML 30Page - Analog Devices ADE7913 Datasheet HTML 31Page - Analog Devices ADE7913 Datasheet HTML 32Page - Analog Devices ADE7913 Datasheet HTML 33Page - Analog Devices ADE7913 Datasheet HTML 34Page - Analog Devices ADE7913 Datasheet HTML 35Page - Analog Devices ADE7913 Datasheet HTML 36Page - Analog Devices ADE7913 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Data Sheet
ADE7912/ADE7913
Rev. 0 | Page 33 of 44
POWER-UP AND INITIALIZATION PROCEDURES
At power-up or after a hardware or software reset, the following
steps must be executed for a microcontroller managing a system
formed by one or multiple ADE7912/ADE7913 devices.
Power-Up Procedure for Systems with a Single
ADE7912/ADE7913
For one standalone ADE7912/ADE7913 device managed by a
microcontroller, the power-up procedure is as follows (see
Figure 52):
1. Connect a crystal between the XTAL1 and XTAL2 pins.
2. Supply VDD to the ADE7912/ADE7913 device. To ensure
that the ADE7912/ADE7913 device starts functioning
correctly, the supply must reach 3.3 V − 10% in less than
23 ms from approximately a 2.6 V level. The ADE7912/
ADE7913 device starts to function.
3. The dc-to-dc converter powers up and supplies the isolated
side of the ADE7912/ADE7913. The Σ-Δ modulators
become functional. This process takes approximately
100 ms to execute when the recommended capacitors on
the VDDISO, LDO, and REF pins described in Table 9 are
used. After this time, the isolated side of the
ADE7912/ADE7913 is fully functional.
4. To determine when the ADE7912/ADE7913 device is
ready to accept commands, read the STATUS0 register
until Bit 0 (RESET_ON) is cleared to 0. This happens
approximately 20 ms after the ADE7912/ADE7913 start to
function and indicates that the nonisolated side of the
ADE7912/ADE7913 is fully functional using the default
settings.
5. Initialize the CONFIG register and the EMI_CTRL
emissions control register.
6. Protect the user accessible and internal configuration
registers by setting the lock register to 0xCA. See the
Protecting the Integrity of Configuration Registers section.
7. When the ADC conversion data is available, the
ADE7912/ADE7913 device begins generating a signal that
is active low at the CLKOUT/DREADY pin for 64 CLKIN
cycles (15.625 µs for CLKIN = 4.096 MHz).
DREADY functionality is enabled by default at the
CLKOUT/DREADY pin.
8. The microcontroller reads the IWV, V1WV, V2WV,
ADC_CRC, and STATUS0 registers in SPI burst mode (see
the SPI Read Operation in Burst Mode section for more
information).
Note that this power-up procedure also applies in the same way
to systems that have multiple ADE7912/ADE7913 devices, each
clocked from its own crystal. Every ADE7912/ADE7913 device
is powered up and started independently.
Figure 52. Power-Up Procedure for Systems with One or Multiple ADE7912/ADE7913 Devices, Each Clocked from Its Own Crystal
ADE7912/ADE7913
POWERED UP
3.3V – 10%
≈2.6V
ADE7912/ADE7913
START
FUNCTIONING
BIT STATUS0[0]
(RESET_ON)
CLEARED TO 0
DC-TO-DC CONVERTER
POWERED UP AND
Σ-Δ MODULATORS
FUNCTIONAL
0V
POR TIMER
TURNED ON
ADE7912/ADE7913
NONISOLATED
SIDE READY
ADE7912/ADE7913
ISOLATED
SIDE READY
23ms
100ms
20ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com