Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 22 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 18Page - Analog Devices ADE7913 Datasheet HTML 19Page - Analog Devices ADE7913 Datasheet HTML 20Page - Analog Devices ADE7913 Datasheet HTML 21Page - Analog Devices ADE7913 Datasheet HTML 22Page - Analog Devices ADE7913 Datasheet HTML 23Page - Analog Devices ADE7913 Datasheet HTML 24Page - Analog Devices ADE7913 Datasheet HTML 25Page - Analog Devices ADE7913 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
ADE7912/ADE7913
Data Sheet
Rev. 0 | Page 22 of 44
INSULATION LIFETIME
All insulation structures eventually break down when subjected
to voltage stress over a sufficiently long period of time. The rate
of insulation degradation is dependent on the characteristics of
the voltage waveform applied across the insulation. In addition
to the testing performed by the regulatory agencies, Analog
Devices carries out an extensive set of evaluations to determine
the lifetime of the insulation structure within the ADE7912/
ADE7913 devices. Analog Devices performs accelerated life
testing using voltage levels higher than the rated continuous
working voltage. Acceleration factors for several operating
conditions are determined. These factors allow calculation of
the time to failure at the actual working voltage.
The values shown in Table 8 summarize the maximum
CSA/VDE approved working voltage for 50 years of service life
for a bipolar ac operating condition. In many cases, the
approved working voltage is higher than the 50-year service life
voltage. Operation at these high working voltages can lead to
shortened insulation life in some cases.
The insulation lifetime of the ADE7912/ADE7913 devices
depends on the voltage waveform type imposed across the
isolation barrier. The iCoupler insulation structure degrades at
different rates depending on whether the waveform is bipolar
ac, unipolar ac, or dc. Figure 30, Figure 31, and Figure 32
illustrate these different isolation voltage waveforms.
Bipolar ac voltage is the most stringent environment. The goal
of a 50-year operating lifetime under the bipolar ac condition
determines the maximum working voltage recommended by
Analog Devices. In the case of unipolar ac or dc voltage, the
stress on the insulation is significantly lower. This allows
operation at higher working voltages while still achieving a
year service life.
The working voltages listed in Table 8 can be applied while
maintaining the 50-year minimum lifetime, provided that the
voltage conforms to either the unipolar ac or dc voltage case.
Treat any cross-insulation voltage waveform that does not
conform to Figure 31 or Figure 32 as a bipolar ac waveform, and
limit its peak voltage to the 50-year lifetime voltage value listed
in Table 8.
The voltage shown in Figure 31 is shown as sinusoidal for
illustration purposes only. It is meant to represent any voltage
waveform varying between 0 V and some limiting value. The
limiting value can be positive or negative, but the voltage cannot
cross 0 V.
Figure 30. Bipolar AC Waveform
Figure 31. Unipolar AC Waveform
Figure 32. DC Waveform
RATED PEAK VOLTAGE
0V
RATED PEAK VOLTAGE
0V
RATED PEAK VOLTAGE
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com