Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 37 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 33Page - Analog Devices ADE7913 Datasheet HTML 34Page - Analog Devices ADE7913 Datasheet HTML 35Page - Analog Devices ADE7913 Datasheet HTML 36Page - Analog Devices ADE7913 Datasheet HTML 37Page - Analog Devices ADE7913 Datasheet HTML 38Page - Analog Devices ADE7913 Datasheet HTML 39Page - Analog Devices ADE7913 Datasheet HTML 40Page - Analog Devices ADE7913 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Data Sheet
ADE7912/ADE7913
Rev. 0 | Page 37 of 44
LAYOUT GUIDELINES
Figure 20 shows the test circuit of the ADE7912/ADE7913. The
test circuit contains three ADE7912/ADE7913 devices together
with the surrounding circuitry required to sense the phase
currents and voltages in a 3-phase system. The ADE7912/
ADE7913 devices are managed by a microcontroller using the
SPI interface. The microcontroller is not shown in the
schematic. Figure 20 replicates the schematic of the ADE7913
evaluation board (see the ADE7913 Evaluation Board section).
Figure 55 and Figure 56 show a proposed layout of a printed
circuit board (PCB) with two layers that have the components
placed on the top of the board only. Follow these layout
guidelines to create a low noise design with higher immunity to
EMC influences. Note that the layout is cropped from a board
containing other circuitry besides the three ADE7913 devices.
The layout of an ADE7912-based meter is very similar to the
one designed for the ADE7913. The only difference is the
absence of the V2P voltage channel, which means the absence
of the related circuitry: the resistor divider and the protection
diodes.
The primary supply voltage is supplied at VDD, Pin 19. Place a
10 µF decoupling capacitor and a 100 nF ceramic decoupling
capacitor between the VDD pin and GND, Pin 20. The 10 µF
capacitor must be placed in close proximity to the part, but the
ceramic capacitor must be placed closer to the ADE7912/
ADE7913 because it decouples the high frequency noise.
Use a 10 µF capacitor and a 100 nF ceramic capacitor to
decouple VDDISO, Pin 1, from GNDISO, Pin 2. Apply the same
rules in the placement of these capacitors as for the VDD pin.
Use a 4.7 µF capacitor and a 100 nF, ceramic capacitor to
decouple LDO, Pin 8, and REF, Pin 9, from GNDISO, Pin 10.
Use the same rules in the placement of these capacitors as for
the VDD pin.
Note that the ADE7912/ADE7913 isolated ground point is one
of the shunt poles. This point is directly connected to GNDISO,
Pin 10. There is no need to connect the shunt ground pole to
GNDISO, Pin 2. Pin 2 is internally connected to Pin 10.
The crystal load capacitors must be placed closest to the
ADE7912/ADE7913, whereas the crystal can be placed in close
proximity.
Note that the bottom layer extends the ground of the primary
side below the ADE7912/ADE7913 and the related circuitry. A
distance of at least 8 mm is maintained on the bottom layer
between the input pins on the board and the primary side
ground plane.
Figure 55. 2-Layer Circuit Board: Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com