Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 21 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 17Page - Analog Devices ADE7913 Datasheet HTML 18Page - Analog Devices ADE7913 Datasheet HTML 19Page - Analog Devices ADE7913 Datasheet HTML 20Page - Analog Devices ADE7913 Datasheet HTML 21Page - Analog Devices ADE7913 Datasheet HTML 22Page - Analog Devices ADE7913 Datasheet HTML 23Page - Analog Devices ADE7913 Datasheet HTML 24Page - Analog Devices ADE7913 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Data Sheet
ADE7912/ADE7913
Rev. 0 | Page 21 of 44
takes for the temperature sensor measurement to settle after the
TEMP_EN bit is set to 1 is 5 ms.
The expression used to calculate the temperature in the
microcontroller is:
temp =
8.72101 × 10−5 × (V2WV + TEMPOS × 211) − 306.47
where:
temp is the temperature value measured in degrees Celsius. The
gain used to convert the bit information provided by the
ADE7912/ADE7913 into degrees Celsius has a default value of
8.72101 × 10−5°C/LSB. The temperature measurement accuracy
is ±5°C.
TEMPOS is the 8-bit signed read-only register in which the
temperature sensor offset is stored. The offset information is
calculated during the manufacturing process, and it is stored
with the opposite sign. For example, if the offset is 5, −5 is
written into the ADE7912/ADE7913. One least significant bit
(LSB) of the TEMPOS register is equivalent to 211 LSBs of the
V2WV register.
Instead of using the default gain value, the gain can be
calibrated as part of the overall meter calibration process.
Measure the temperature, TEMP, of every ADE7912/ADE7913,
read the V2WV register containing the temperature sensor
reading of every ADE7912/ADE7913, and compute the gains as
follows:
Temperature gain
11
2
2
×
+
=
TEMPOS
WV
V
TEMP
(6)
PROTECTING THE INTEGRITY OF CONFIGURATION
REGISTERS
The configuration registers of the ADE7912/ADE7913 are
either user accessible registers (CONFIG, EMI_CTRL,
SYNC_SNAP, COUNTER0, and COUNTER1) or internal
registers. The internal registers are not user accessible, and they
must remain at their default values. To protect the integrity of
all configuration registers, a write protection mechanism is
available.
By default, the protection is disabled and the user accessible
configuration registers can be written without restriction. When
the protection is enabled, no writes to any configuration register
are allowed. The registers can always be read, without
restriction, independent of the write protection state.
To enable the protection, write 0xCA to the 8-bit lock register
(Address 0xA). To disable the protection, write 0x9C to the 8-
bit lock register. It is recommended that the write protection be
enabled after the CONFIG and EMI_CTRL registers are
initialized. If any user accessible register must be changed, for
example, during the synchronization process of multiple
ADE7912/ADE7913 devices, disable the protection, change the
value of the register, and then reenable the protection.
CRC OF CONFIGURATION REGISTERS
Every output cycle, the ADE7912/ADE7913 compute the CRC
of the CONFIG, EMI_CTRL, and TEMPOS registers, as well as
Bit 2 (IC_PROT) of the STATUS0 register, and Bit 7 of the
STATUS1 register. The CRC algorithm is called CRC-16-
CCITT. The 16-bit result is written in the CTRL_CRC register.
The input registers to the CRC circuit form a 64-bit array that is
introduced bit by bit into an LFSR-based generator, similar to
Figure 28 and Figure 29, with one byte at a time, least significant
byte first. Each byte is then processed with the most significant bit
first.
The formulas that govern the LFSR are as follows:
bi(0) = 1, where i = 0, 1, 2, …, 15, the initial state of the bits that
form the CRC. Bit b0 is the least significant bit, and Bit b15 is the
most significant bit.
gi, where i = 0, 1, 2, …, 15 are the coefficients of the generating
polynomial defined by the CRC-16-CCITT algorithm in
Equation 1 and Equation 2.
FB(j) = aj − 1 XOR b15(j − 1)
(7)
b0(j) = FB(j) AND g0
(8)
bi(j) = FB(j) AND gi XOR bi− 1(j − 1), i = 1, 2, 3, … , 15 (9)
Equation 7, Equation 8, and Equation 9 must be repeated for
j = 1, 2, … , 64. The value written into the CTRL_CRC register
contains Bit bi(64), i = 0, 1, …, 15. Because each ADE7912/
ADE7913 has a particular TEMPOS register value, each ADE7912/
ADE7913 has a different CTRL_CRC register default value.
ADE7912/ADE7913 STATUS
The bits in the STATUS0 and STATUS1 registers of the
ADE7912/ADE7913 characterize the state of the device.
If the value of the CTRL_CRC register changes, Bit 1 (CRC_STAT)
is set to 1 in the STATUS0 register. This bit clears to 0 when the
STATUS0 register is read.
After the configuration registers are protected by writing 0xCA
into the lock register, Bit 2 (IC_PROT) in the STATUS0 register
is set to 1. It clears to 0 when the STATUS0 register is read, and
it is set back to 1 at the next ADC output cycle.
At power-up, or after a hardware or software reset, the
ADE7912/ADE7913 signal the end of the reset period by
clearing Bit 0 (RESET_ON) to 0 in the STATUS0 register.
If the ADC output values of IWV, V1WV, and V2WV are not
read during an output cycle, Bit 3 (ADC_NA) in the STATUS1
register becomes 1. It clears to 0 when the STATUS1 register is
read.
The STATUS0 and STATUS1 registers can be read by executing
an SPI register read. STATUS0 can also be read as part of the
SPI burst mode read operation. See the SPI Read Operation and
the SPI Read Operation in Burst Mode sections for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com